Part Number Hot Search : 
29043505 L1018 2E225 RB551 RB551 00350 2N3045 PR1005G
Product Description
Full Text Search
 

To Download OSR5SAZ4E1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Super Flux Super Red LED OSR5SAZ4E1D
Features
Outline
Dimension
High Luminous Super Flux Output Superior Weather-resistance UV Resistant Epoxy Water Clear Type

Applications
Automotive Dashboard Lighting Small Area Illuminations Back Lighting Other Lighting

Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol 30
(Ta=25
Value
)
Unit
mA mA V mW
Directivity
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Electrical
100 5 72 -30 ~ +85 -40 ~ +100 260 /5sec
Duty ratio max 1/10
-Optical Characteristics
Symbol
VF IR D Iv 21/2
(Ta=25
Min.
1.8 620 -
)
Unit
V A nm mcd deg
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
2.1 625 500 140
Max.
2.4 10 630 -
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
1
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5SAZ4E1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X