Part Number Hot Search : 
S8430 ERC01 N1211 A12BB T8008FNL 3990A OSWMO5 RC686K1
Product Description
Full Text Search
 

To Download OSR5SAA131A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10mm Round Red LED OSR5SAA131A
Features
High Luminous LEDs 10mm Round Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Outline Dimension
Applications
Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting
Absolute Maximum Rating
Item
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms
Directivity
Value
30 100 5 72 -30 ~ +85 -40~ +100 260 /5sec mA mA V mW IF IFP VR PD Topr Tstg Tsol
Symbol
Duty ratio max 1/10
Electrical -Optical Characteristics
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Symbol
VF IR D Iv 21/2
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Min.
1.8 620 -
Typ.
2.1 625 6000 30
Max.
2.4 10 630 V A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5SAA131A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X