Part Number Hot Search : 
ADG611YR H8321 C5006 H8321 2SK2177 AD9772A PE6320 MM1025
Product Description
Full Text Search
 

To Download OSM5DL5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Warm White LED OSM5DL5111A
Features
High Luminous LEDs 5mm Round Standard Directivity Long Lifetime Operation (Up to 100,000 hours) Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Outline Dimension
Applications
Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting
Absolute Maximum Rating
Item
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
(Ta=25
Value
30 100 5 108 -30 ~ +85 -40 ~ +100 260 /5sec
Directivity
Unit
mA mA V mW
Symbol
IF IFP VR PD Topr Tstg Tsol
*Pulse width Max 10ms , Duty ratio max 1/10
Electrical -Optical Characteristics
Item
DC Forward Voltage DC Reverse Current Luminous Intensity* Chromaticity Coordinates* 50% Power Angle
(Ta=25
Min.
2.9 -
Symbol
VF IR Iv x y 21/2
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Typ.
3.1 14000 0.45 0.41 15
Max.
3.6 10 -
Unit
V A mcd
deg
*1 Tolerance of chromaticity coordinates is +10% *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSM5DL5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X