Part Number Hot Search : 
RL257 228M00 PQ1CG21H K4S1616 20020 BT24005 BT24005 2SC32
Product Description
Full Text Search
 

To Download OFCPA-1-05-19BLK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FIBER MANAGEMENT
OFSRG
Optical Fiber Strain Relief Gland Description The Optical Fiber Strain Relief Gland enables ruggedized patch cords, or fiber bundles, protected in OFBLT to be anchored to a chassis, or distribution trunking system, by the simple provision of a single hole. The OFBLT is passed through the gland and is secured by the integral Tube Gripper Clip. This ensures a pull out resistance of over 100N while still ensuring a 30mm radius bend control and crush protection.
Features * OFBLT retention: >100N * Mid point or end termination of OFBLT * Provides secure fixing
Part No.
OFSRG-05-BLK
O "D"
.59 (15.0)
Miniflex technology manufactured by Richco - Patented Material: PVC * Color: Black Standard Pack: 10/bag O "d1" O "d2" O "A"
.20 (5.0) .47 (12.0) .43 (11.0)
"H"
1.46 (37.0)
"W"
0.12 (3.0)
OFD
Optical Fiber Duplexer
Description
The Optical Fiber Duplexer enables cables with aramid strands to be broken out and mechanically terminated. It provides an easy-to-use assembly with no crimping, while still retaining a minimum of a 100N pull. Used with the 5mm diameter OFBLT at the output port, it gives full blend control and crush protection for ongoing fibers. The Duplexer gives an easy-to-use lay through facility with internal fiber radius control. The Duplexer gives a range of input adapters to cover OFBLT, fiber bundles, cable and patch cords from 2.5mm to 7.00mm in diameter. For cables up to 10.8mm in diameter, a rubber sleeve is provided. See cable size chart below.
Part Number
OFD series
"L"
1.95 (49.6)
"W"
0.64 (16.2)
"w"
0.52 (13.2)
"H"
0.31 (8.0)
"d"
0.20 (5.0)
Features * Tube retention: >100N * For a Development Kit containing all adapters, order: OFD-C-05-19BLK
Miniflex technology manufactured by Richco - Patented Material: Flame Retardant Nylon, RMS-19 (UL 94V0); Color: Black Standard Pack: 10/bag Part Number Incoming Cable Size Diameter Adapter Color
OFD-C-1-05-19BLK OFD-C-2-05-19BLK OFD-C-3-05-19BLK OFD-C-4-05-19BLK OFD-C-5-05-19BLK OFD-C-6-05-19BLK OFD-C-9-05-19BLK OFD-C-7-05-19BLK OFD-C-8-635-19BLK .098 - .138 (2.5 - 3.5) .118 - .157 (3.0 - 4.0) .161 - .197 (4.1 - 5.0) .200 - .236 (5.1 - 6.0) .240 - .276 (6.1 - 7.0) .280 - .335 (7.1 - 8.5) .335 - .425 (8.5 - 10.8) .197 (5.0) OFBLT .250 (6.35) OFBLT Black Blue Brown Green Red Black Rubber Black Rubber Split Black Split Blue
OFCPA
Optical Fiber Cable and Patch Cord Anchor Description
The Optical Fiber Cable and Patch Cord Anchor enables cables with aramid strands or similar strength reinforcement to be mechanically terminated. It provides an easy-to-use assembly with no crimping, while still retaining a minimum of 100N pull out. Up to 4 patch cords O2.5mm can be terminated in one anchor.
Part Number
OFCPA series
J
Features * OFBLT retention: >100N * The OFCPA can also be used as a tube to tube uniter from OFBLT to OFBLT * For a Development Kit containing all adapters order: OFCPA-05-19BLK
"D" O
.51 (13.0)
"A"
.31 (8.0)
"d" O
.20 (5.0)
"L"
1.46 (37.0)
Miniflex Technology manufactured by Richco - Patented Material: Flame Retardant Nylon 6/6 UL94 V0, RMS-19; Color: Black Standard Pack: 10/bag Part Number Incoming Cable Size Diameter Adapter Color
OFCPA-1-05-19BLK OFCPA-2-05-19BLK OFCPA-3-05-19BLK OFCPA-4-05-19BLK OFCPA-5-05-19BLK OFCPA-6-05-19BLK OFCPA-7-05-19BLK OFCPA-T-05-19BLK OFCPA-T-635-19BLK .098 - .137 (2.5 - 3.5) .118 - .157 (3.0 - 4.0) .161 - .196 (4.1 - 5.0) .200 - .236 (5.1 - 6.0) .240 - .275 (6.1 - 7.0) .280 - .335 (7.1 - 8.5) .335 - .425 (8.5 - 10.8) .196 (5.0) OFBLT .196-.250 (5.0-6.35) OFBLT Black Blue Brown Green Red Black Rubber Black Rubber Split Black Split Blue
206
773-539-4060 Samples: 1-800-621-1892


▲Up To Search▲   

 
Price & Availability of OFCPA-1-05-19BLK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X