Part Number Hot Search : 
SF802 ER108G 0ZA1T BC856 2SC35 KS624540 30FH432 C114T
Product Description
Full Text Search
 

To Download NLU1G08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLU1G08 Single 2-Input AND Gate
The NLU1G08 MiniGatet is an advanced high-speed CMOS 2-input AND gate in ultra-small footprint. The NLU1G08 input and output structures provide protection when voltages up to 7.0 V are applied, regardless of the supply voltage.
Features http://onsemi.com MARKING DIAGRAMS
UDFN6 MU SUFFIX CASE 517AA 2M
* * * * * * *
High Speed: tPD = 3.5 ns (Typ) @ VCC = 5.0 V Low Power Dissipation: ICC = 1 mA (Max) at TA = 25C Power Down Protection Provided on inputs Balanced Propagation Delays Overvoltage Tolerant (OVT) Input and Output Pins Ultra-Small Packages These are Pb-Free Devices
1
1 IN B 1 6 VCC
ULLGA6 1.0 x 1.0 CASE 613AD
2M
IN A
2
5
NC
1
ULLGA6 1.2 x 1.0 CASE 613AE
2M
GND
3
4
OUT Y
ULLGA6 1.45 x 1.0 CASE 613AF 1 2 M = Device Marking = Date Code
2M
Figure 1. Pinout (Top View)
PIN ASSIGNMENT
IN A IN B & OUT Y 1 2 IN B IN A GND OUT Y NC VCC
Figure 2. Logic Symbol
3 4 5 6
FUNCTION TABLE
Input A L L H H B L H L H Output Y L L L H
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2008
1
March, 2008 - Rev. 2
Publication Order Number: NLU1G08/D
NLU1G08
MAXIMUM RATINGS
Symbol VCC VIN VOUT IIK IOK IO ICC IGND TSTG TL TJ MSL FR ILATCHUP DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Moisture Sensitivity Flammability Rating Oxygen Index: 28 to 34 VIN < GND VOUT < GND Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -20 20 12.5 25 25 -65 to +150 260 150 Level 1 UL 94 V-0 @ 0.125 in 500 mA Unit V V V mA mA mA mA mA C C C
Latchup Performance Above VCC and Below GND at 125C (Note 2)
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2 ounce copper trace no air flow. 2. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA Dt/DV Positive DC Supply Voltage Digital Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V Parameter Min 1.65 0 0 -55 0 0 Max 5.5 5.5 5.5 +125 100 20 Unit V V V C ns/V
http://onsemi.com
2
NLU1G08
DC ELECTRICAL CHARACTERISTICS
TA = 25 5C Min 0.75 x VCC 0.70 x VCC 0.25 x VCC 0.30 x VCC 1.9 2.9 4.4 2.58 3.94 0 0 0 0.1 0.1 0.1 0.36 0.36 0.1 1.0 2.0 3.0 4.5 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 1.0 10 Typ Max TA = +855C Min 0.75 x VCC 0.70 x VCC 0.25 x VCC 0.30 x VCC 1.9 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.52 0.52 1.0 40 mA mA V 0.25 x VCC 0.30 x VCC V V Max TA = -555C to +1255C Min Max Unit V
Symbol VIH
Parameter Low-Level Input Voltage
Conditions
VCC (V) 1.65 2.3 to 5.5
VIL
Low-Level Input Voltage
1.65 2.3 to 5.5
VOH
High-Level Output Voltage
VIN = VIH or VIL IOH = -50 mA VIN = VIH or VIL IOH = -4 mA IOH = -8 mA
2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 0 to 5.5 5.5
V
VOL
Low-Level Output Voltage
VIN = VIH or VIL IOL = 50 mA VIN = VIH or VIL IOL = 4 mA IOL = 8 mA
IIN ICC
Input Leakage Current Quiescent Supply Current
0 v VIN v 5.5 V 0 v VIN v VCC
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
TA = 25 5C Min Typ 4.1 5.9 3.5 4.2 5.5 5.0 11 Max 8.8 12.3 5.9 7.9 10 TA = +855C Min Max 10.5 14 7.0 9.0 10 TA = -555C to +1255C Min Max 12.5 16.5 9.0 11 10 pF pF Unit ns
Symbol tPLH, tPHL
Parameter Propagation Delay, Input A or B to Output Y
VCC (V) 3.0 to 3.6 4.5 to 5.5
Test Condition CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
CIN CPD
Input Capacitance Power Dissipation Capacitance (Note 3)
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without load. Average operating current can be obtained by the equation ICC(OPR) = CPD * VCC * fin + ICC. CPD is used to determine the no-load dynamic power consumption: PD = CPD * VCC2 * fin + ICC * VCC.
http://onsemi.com
3
NLU1G08
VCC INPUT 50% tPLH Output Y 50% VCC GND tPHL VOH 50% VCC VOL *Includes all probe and jig capacitance. A 1-MHz square input wave is recommended for propagation delay tests. CL* OUTPUT
Input A or B
Figure 3. Switching Waveforms
Figure 4. Test Circuit
ORDERING INFORMATION
Device NLU1G08MUTCG NLU1G08AMX1TCG NLU1G08BMX1TCG NLU1G08CMX1TCG Package UDFN6 (Pb-Free) ULLGA6, 1.45 x 1.0 (Pb-Free) ULLGA6, 1.2 x 1.0 (Pb-Free) ULLGA6, 1.0 x 1.0 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
NLU1G08
PACKAGE DIMENSIONS
UDFN6, 1.2x1.0, 0.4P CASE 517AA-01 ISSUE C
EDGE OF PACKAGE
D
A B L1
2X
0.10 C
2X
0.10 C
0.10 C
(A3) A
A1
10X
0.08 C
SIDE VIEW A1
5X 1 3
SEATING PLANE
C L
L2
6X
b 0.10 C A B 0.05 C
NOTE 3 6 4
e BOTTOM VIEW
http://onsemi.com
5
EEE EEE EEE EEE
DETAIL B Side View (Optional) 0.40 PITCH
EE EE
PIN ONE REFERENCE
E
DETAIL A Bottom View (Optional)
EXPOSED Cu MOLD CMPD
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 mm FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. MILLIMETERS MIN MAX 0.45 0.55 0.00 0.05 0.127 REF 0.15 0.25 1.20 BSC 1.00 BSC 0.40 BSC 0.30 0.40 0.00 0.15 0.40 0.50
TOP VIEW
A3
DIM A A1 A3 b D E e L L1 L2
MOUNTING FOOTPRINT*
6X
0.42
6X
0.22
1.07
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
NLU1G08
PACKAGE DIMENSIONS
ULLGA6 1.0x1.0, 0.35P CASE 613AD-01 ISSUE A
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.15 AND 0.30 mm FROM THE TERMINAL TIP. 4. A MAXIMUM OF 0.05 PULL BACK OF THE PLATED TERMINAL FROM THE EDGE OF THE PACKAGE IS ALLOWED. DIM A A1 b D E e L L1 SEATING PLANE MILLIMETERS MIN MAX --0.40 0.00 0.05 0.12 0.22 1.00 BSC 1.00 BSC 0.35 BSC 0.25 0.35 0.30 0.40
PIN ONE REFERENCE
0.10 C
0.10 C 0.05 C
6X
0.05 C
L1
EE EE EE
1 6
E
TOP VIEW
A SIDE VIEW A1 e
5X 3
C
MOUNTING FOOTPRINT SOLDERMASK DEFINED*
5X
0.48 L
NOTE 4
6X
0.22
1.18
0.53
4 6X
1
b 0.10 C A B 0.05 C
NOTE 3
PKG OUTLINE
0.35 PITCH
DIMENSIONS: MILLIMETERS
BOTTOM VIEW
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
NLU1G08
PACKAGE DIMENSIONS
ULLGA6 1.2x1.0, 0.4P CASE 613AE-01 ISSUE A
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.15 AND 0.30 mm FROM THE TERMINAL TIP. 4. A MAXIMUM OF 0.05 PULL BACK OF THE PLATED TERMINAL FROM THE EDGE OF THE PACKAGE IS ALLOWED. DIM A A1 b D E e L L1 SEATING PLANE MILLIMETERS MIN MAX --0.40 0.00 0.05 0.15 0.25 1.20 BSC 1.00 BSC 0.40 BSC 0.25 0.35 0.35 0.45
PIN ONE REFERENCE
0.10 C
0.10 C 0.05 C
6X
0.05 C
L1
EE EE EE
1 6
E
TOP VIEW
A SIDE VIEW A1 C
MOUNTING FOOTPRINT SOLDERMASK DEFINED*
5X
0.49 e
5X 3
6X
0.26
L
NOTE 4
1.24
0.53
4 6X
1
PKG OUTLINE
b 0.10 C A B 0.05 C
NOTE 3
0.40 PITCH
DIMENSIONS: MILLIMETERS
BOTTOM VIEW
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
NLU1G08
PACKAGE DIMENSIONS
ULLGA6 1.45x1.0, 0.5P CASE 613AF-01 ISSUE A
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.15 AND 0.30 mm FROM THE TERMINAL TIP. 4. A MAXIMUM OF 0.05 PULL BACK OF THE PLATED TERMINAL FROM THE EDGE OF THE PACKAGE IS ALLOWED. DIM A A1 b D E e L L1 MILLIMETERS MIN MAX --0.40 0.00 0.05 0.15 0.25 1.45 BSC 1.00 BSC 0.50 BSC 0.25 0.35 0.30 0.40
PIN ONE REFERENCE
0.10 C
0.10 C 0.05 C
6X
0.05 C
L1 1
PKG OUTLINE
MiniGate is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
EEE EEE EEE
1 6
E
TOP VIEW
A SIDE VIEW A1 e
5X 3 SEATING PLANE
MOUNTING FOOTPRINT SOLDERMASK DEFINED*
5X
C
0.49
NOTE 4
6X
0.30
L
1.24
0.53
4 6X
b 0.10 C A B 0.05 C
NOTE 3
0.50 PITCH
DIMENSIONS: MILLIMETERS
BOTTOM VIEW
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
8
NLU1G08/D


▲Up To Search▲   

 
Price & Availability of NLU1G08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X