Part Number Hot Search : 
SIM508C NJU26101 E0310 RATION 58004 G530167 GZF24C LHLA4
Product Description
Full Text Search
 

To Download MVL-504SO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 ( 5mm) PACAKGE HIGH POWER AlInGaP LED LAMPs
Description
The MVL-504SO utilizes the latest absorbing substrate Aluminum Indium Gallium Phosphide (AlInGaP) LED technology. This LED material has outstanding light output efficiency over a wide range of drive current. The package is T-1 3/4 (5mm) water clear standard type.
MVL-504SO
Package Dimensions
Unit: mm ( inches )
Features
l l l l
Ultra - brightness Low power consumption TTL compatible Reliable
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25oC Parameter Power Dissipation Peak Forward Current(1/10 Duty Cycle100ms pulse width) Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Symbol Pad Ipf Iaf VR Topr Tstg Maximum Rating 125 100 50 5 -40 C to +100 C -40oC to +100oC
o o
Unit mW mA mA V
Lead Soldering Temperature 1.6 mm from body for 5 seconds at 260oC
Unity Opto Technology Co., Ltd.
01/09/2002
MVL-504SO
Optical-Electrical Characteristics
@ TA=25oC Parameter Luminous Intensity Forward Voltage Reverse Current Dominant Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR d 21/2 Min . 1100 Typ . 2300 2.0 605 20 15 Max . 2.6 100 Unit . mcd V A nm nm deg.
Typical Optical-Electrical Characteristic Curves
Relative Luminous Intensity
1
0.5
0 500
550
600
650
700
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION
50 60
Forward Current IF(mA)
Forward Current IF(mA)
40 30 20 10 0 1.2 1.6 2.0 2.4 2.8 3.2
50 40 30 20 10 0
Forward Voltage VF (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE Relative Luminous Intensity Relative Luminous Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA (oC) FIG.3 FORWARD CURRENT VS. AMBIENT TEMPERATURE
0 10 20 30 40 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
0
20
40
60
80
100
Forward Current IF (mA) FIG.4 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
Unity Opto Technology Co., Ltd.
01/09/2002


▲Up To Search▲   

 
Price & Availability of MVL-504SO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X