Part Number Hot Search : 
MRF2103 NJU6369 MAX151 RTS3T048 MP1518DJ 5916B 4759A MC68HC11
Product Description
Full Text Search
 

To Download MVL-503DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Unity Opto Technology Co., Ltd.
MVL-503G MVL-503Y MVL-503HR MVL-503DR MVL-503UR
04/30/2002
Description
The MVL-503xx series package are T-1 3/4 (5mm) standard color transparent plastic lens package. The Hi-EFF red (HR) and yellow LED chips are made with Gallium Arsenide Phosphide on Gallium Phosphide diode. The green LED chip is made with Gallium Phosphide on Gallium Phosphide diode. The red (DR) chip is made with Aluminum Gallium Arsenide on Gallium Arsenide diode. The red (UR) chip is made with Aluminum Gallium Arsenide on Aluminum Gallium Arsenide diode.
Package Dimensions
Unite: mm ( inches )
Applications
l l l l l
Popular T-1 3/4 (5mm) diameter package I.C. compatible / Low current requirement Low power consumption General purpose leads Reliable and rugged
NOTES : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059'') max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Tatings
Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle 0.1ms pulse width) Continuous Forward Current Derating Linear From 25 C Reverse Voltage Operating Temperature Range Storage Temperature Range
o
Symbol Pad Ipf Iaf VR Topr Tstg
o
Maximum Rating
GREEN YELLOW HR DR/UR
Unit mW A mA/ C mA V
o
100 120 30 0.4 5
60 80 20 0.25 5
o o
100 120 30 0.4 5 -55 C to + 100 C -55 C to + 100 C
o o
100 120 40 0.5 5
Lead Soldering Temperature (1.6mm from body) for 3 seconds at 260 C
P1
Optical -Electrical Characteristics
Part No. : MVL-503G Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Part No. : MVL-503Y Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Part No. : MVL-503HR Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Part No. : MVL-503DR Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle Part No. : MVL-503UR Parameter Luminous Intensity Forward Voltage Reverse Current Wavelength Spectral Line Half Width Viewing Angle @TA=25oC Unit . mcd V A nm nm deg
o @TA=25 C Unit . mcd V A nm nm deg
Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Symbol IV VF IR p 21/2
Min . 20 -
Typ . 65 2.1 565 30 16
Max . 2.8 100 -
Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Symbol IV VF IR p 21/2
Min . 20 -
Typ . 60 2.1 585 35 16
Max . 2.8 100 -
Test Conditions IF=10mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Symbol IV VF IR p 21/2
Min . 25 -
Typ . 70 2.0 640 40 16
Max . 2.8 100 -
@TA=25oC Unit . mcd V A nm nm deg @TA=25oC Unit . mcd V A nm nm deg @TA=25 C Unit . mcd V A nm nm deg
o
Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Symbol IV VF IR p 21/2
Min . 240 -
Typ . 1000 1.8 660 20 16
Max . 2.4 100 -
Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Symbol IV VF IR p 21/2
Min . 400 -
Typ . 1500 1.8 660 20 16
Max . 2.4 100 -
P2
Typical Optical-Electrical Characteristic Curves
1 GY HRDR/UR 50 DR/URHR Y G
Relative Luminous Intensity
Forward Current IF(mA)
500 550 600 650 700 750
40 30 20 10 0 0.8 1.2 1.6 2.0 2.4 2.8
0.5
0
Wavelength (nm) Fig 1. RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH
Forward Voltage (V) Fig 2. FORWARD CURRENT VS. FORWARD VOLTAGE
50 40 30 20 10 0 0 20 40 60 80
o
5.0 DR/UR G/HR Y
Relative Luminous Intensity
100
Forward Current IF (mA)
4.0 3.0 2.0 1.0 0.0 0 10 20 30 40 50
Ambient Temperature ( C) Fig 3. FORWARD CURRENT VS. AMBIENT TEMPERATURE
Forward Current IF (mA) Fig 4. RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
Relative Luminous Intensity
Relative Luminous Intensity
10
0o
10o
20o 30o 40o
1
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50o 60o 70o 80o 90o
0.1 -30 -20 -10 0 10 20 30 40 50 60 70
Ambient Temperature (oC) Fig 5. RELATIVE LUMINOUS INTENSITY VS. AMBIENT TEMPERATURE
Fig 6. RADIATION DIAGRAM
P3


▲Up To Search▲   

 
Price & Availability of MVL-503DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X