Part Number Hot Search : 
SEMIX 93C66A 5KP100A LS5019 CSC8801A 221K2 KQB9N50 2J333K
Product Description
Full Text Search
 

To Download MTN13N50FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
N-Channel Enhancement Mode Power MOSFET
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 1/8
MTN13N50FP
Description
BVDSS : 500V RDS(ON) : 0.48 ID : 13A
The MTN13N50FP is a N-channel enhancement-mode MOSFET, providing the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness. The TO-220FP package is universally preferred for all commercial-industrial applications
Features
* BVDSS=550V typically @ Tj=150 * Low On Resistance * Simple Drive Requirement * Low Gate Charge * Fast Switching Characteristic * RoHS compliant package
Applications
* Power Factor Correction * LCD TV Power * Full and Half Bridge Power
Symbol
MTN13N50FP
Outline
TO-220FP
GGate DDrain SSource
GDS
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings (TC=25C)
Parameter Symbol
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 2/8
Limits
Unit
Drain-Source Voltage (Note 1) Gate-Source Voltage Continuous Drain Current Continuous Drain Current @TC=100C Pulsed Drain Current @ VGS=10V (Note 2) Single Pulse Avalanche Energy @ L=3mH, ID=13Amps, VDD=50V Avalanche Current (Note 2) Peak Diode Recovery dv/dt (Note 3) Maximum Temperature for Soldering @ Lead at 0.063 in(1.6mm) from case for 10 seconds Maximum Temperature for Soldering @ Package Body for 10 seconds Total Power Dissipation (TC=25) Linear Derating Factor above 25 Operating Junction and Storage Temperature
*Drain current limited by maximum junction temperature
VDS VGS ID ID IDM EAS IAR dv/dt TL TPKG Pd Tj, Tstg
500 30 13* 8* 52* 250 13 3.0 300 260 48 0.4 -55~+150
V V A A A mJ A V/ns C C W W/C C
Note : 1. TJ=+25 to +150. 2. Repetitive rating; pulse width limited by maximum junction temperature. 3. ISD=10A, dI/dt<100A/s, VDDThermal Data
Parameter Thermal Resistance, Junction-to-case, max Thermal Resistance, Junction-to-ambient, max Symbol Rth,j-c Rth,j-a Value 2.58 100 Unit C/W C/W
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Tj=25C, unless otherwise specified)
Symbol Min. Typ. 550 0.5 15 0.38 40 10 15 16 30 48 34 2222 180 17 392 3529 Max. 4.0 100 20 200 0.48 1.5 13 52 Unit V V V/C V S nA A A Test Conditions Static BVDSS 500 BVDSS BVDSS/Tj VGS(th) 2.0 *GFS IGSS IDSS IDSS *RDS(ON) Dynamic *Qg *Qgs *Qgd *td(ON) *tr *td(OFF) *tf Ciss Coss Crss Source-Drain Diode *VSD *IS *ISM *trr *Qrr -
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 3/8
VGS=0, ID=250A VGS=0, ID=250A, Tj=150C Reference to 25C, ID=250A VDS = VGS, ID=250A VDS =15V, ID=6.5A VGS=30 VDS =500V, VGS =0 VDS =400V, VGS =0, Tj=125C VGS =10V, ID=7.8A
nC
ID=13A, VDD=250V, VGS=10V VDD=250V, ID=13A, VGS=10V, RG=9.1
ns
pF
VGS=0V, VDS=25V, f=1MHz
V A ns nC
IS=13A, VGS=0V VD=VG=0, VS=1.3V VGS=0, IF=13A, dI/dt=100A/s
*Pulse Test : Pulse Width 300s, Duty Cycle2%
Ordering Information
Device MTN13N50FP Package TO-220FP (RoHS compliant) Shipping 50 pcs/tube, 20 tubes/box, 4 boxes / carton Marking 13N50
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 4/8
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves(Cont.)
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 5/8
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
Test Circuit and Waveforms
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 6/8
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
Test Circuit and Waveforms(Cont.)
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 7/8
MTN13N50FP
CYStek Product Specification
CYStech Electronics Corp.
TO-220FP Dimension
Marking:
Spec. No. : C405FP Issued Date : 2008.12.01 Revised Date : 2009.04.20 Page No. : 8/8
Device Name Date Code
13N50
Style: Pin 1.Gate 2.Drain 3.Source 4.Drain 3-Lead TO-220FP Plastic Package CYStek Package Code: FP
*: Typical
DIM A A1 A2 A3 b b1 b2 c
Inches Min. Max. 0.169 0.185 0.051 REF 0.110 0.126 0.098 0.114 0.020 0.030 0.043 0.053 0.069 0.059 0.020 0.030
Millimeters Min. Max. 4.300 4.700 1.300 REF 2.800 3.200 2.500 2.900 0.500 0.750 1.100 1.350 1.750 1.500 0.500 0.750
DIM D E e F L L1 L2
Inches Min. Max. 0.408 0.392 0.583 0.598 0.100 TYP 0.106 REF 0.138 REF 1.102 1.118 0.067 0.075 0.075 0.083
Millimeters Min. Max. 10.360 9.960 14.800 15.200 2.540 TYP 2.700 REF 3.500 REF 28.000 28.400 1.700 1.900 1.900 2.100
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: KFC ; pure tin plated * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
MTN13N50FP
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of MTN13N50FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X