Part Number Hot Search : 
G1200 98120 SPM1423 00207 F9234 U664B SR2N7 01040
Product Description
Full Text Search
 

To Download MIC-5602A2-M2E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-5602Rev2
NEW
Advanced Mezzanine Card Intel(R) 45 nm CoreTM 2 Duo Processor AMC
Features
SupportsIntel(R)45nmCoreTM2DuoLowVoltageprocessor Intel(R)3100chipset400/533MHzFSB Upto4GBDDRII400MHzSDRAMwithECC OneGigabitEthernet(RJ-45),oneUSB2.0port,andoneconsoleport (mini-USB)tofrontpanel AMCconnectorroutesdualGigabitEthernetSerDes(x2),SATA(x2), USB(x2),dualPCIex4,orsinglePCIex8 Bootfromnetwork,CompactFlash,SATA,USBoronboardflashdisk SupportsIPMIv1.5andSerial-over-LANfunction AMC.0,AMC.1,AMC.2andAMC.3compliant
RoHS
COMPLIANT
2002/95/EC
Introduction
TheMIC-5602Rev2isahighlyintegratedsingle-width,full-size,processorAMC.Itsdesignisbasedonthelow-power,high-performance45nmIntel(R)CoreTM2Duoprocessors combinedwiththeIntel3100chipset.Theboardincludes2or4GBofsolderedDDR2400MHzmemorywithECCforhigherMTBFandoptimumcooling.Tofacilitatedevelopment, testandintegrationwhilstofferingtypicalnetworkconnectivityoncedeployed,thefrontpanelprovidesagigabitEthernetconnector,aserialportandaUSB2.0hostport. TheboardcanbeconfiguredwithtwoPCIExpressx4portsorasinglePCIExpressx8porttotheedgeconnector.TwogigabitEthernetportsprovideAMC.2complianceandconnect tothe3100chipsetviaPCIExpressformaximumdatathroughput.DualSATAinterfacesprovideAMC.3-compliantstorageandtwoUSBportsofferfurtherconnectivityopportunities. AdedicatedModuleManagementController(MMC)monitorsonboardconditionsandmanageshotswapoperationforfieldupgradesormodulereplacementwithouttheneedto powerdowntheunderlyingsystem. WhilemaintainingthefunctionalfeaturesoftheoriginalMIC-5602,theRev2seriesoffersasignificantperformanceincreaseandmemorysizeupgradeforapplicationssuchasdense computing,hostmediaprocessingandprotocoloffload.
Specifications
ProcessorSystem CPU Chipset BIOS Bus Memory Ethernet MassStorage SATAInterface SerialInterface USBInterface WatchdogTimer HardwareMonitor Firmware OperatingSystem FormFactor Miscellaneous PowerRequirement Physical FrontSideBus PCIExpress Technology Max.Capacity Controller Interface CompactFlash Onboard AMCedgeconnector Other I/O I/O AMCedgeconnector Controller SourceCode UpdateStandard Compatibility AMC Interface LEDs Configuration Consumption Dimension Intel(R)CoreTM2DuoSL9380(1.8GHz) Intel3100 AMI(1.Dualimageswithupdaterollback,2.CMOSsettingscanbechangedoverIPMI,and3.CMOSbackupworks withoutbattery) 800MHz PCIExpressrev1.0a:onex8andtwox4routedtoAMCconnector DDRII400withECC 4GB Intel82571EBdual-portGigabitEthernetcontroller(support802.3dcompliantlinkaggregation) OneGbEaccessibleonfrontpanelviaRJ-45andtwoSerDeslinkstoAMCcommonoptionsregionports0and1 OptionalexpansionboardwithCFtype-1socket 1GBindustrialgradeinternalflashdisk(usedasNVstorage,emergencybootdiskordiagnosticsbootmedia) TwoSATAinterfacestocommonportsregion2-3 OneSATAroutedtoCFdaughterboard RoutedtofrontpanelasUSBSlaveinterfacethroughonboardUSBtoSerialconverter OneUSB2.0complianthostport(standardUSBConnector)onfrontpanel TwoUSB2.0portsconnecttorearAMCedgeconnector AMCcompliantwatchdog IPMIv1.5compatibleMMC PigeonPointSystem-based HPM.1compliant CarrierGradeLinux(WindRiverPlatformforNetworkEquipment,LinuxEdition2.0) Full-size,singlewidth AMC.0compliant x1blueforhotswap,x1red/amberforfailureandOOS,x1greenforgeneralpurpose CoreTM2DuoSL9380+3100+2GBon-boardDDRIISDRAM estimated38.5watts 180.6mmx73.5mm
MIC-5602Rev2 Block Diagram
45 nm Intel Core 2 Duo LV
COM2
MMC
IPMB-L
DDR PLL
FSB
1GB Flash Disk
USB1
(option expansion Module) SATA to PATA Converter
DDR2 DRAM
SATA21 DDR-II LPC
c c r
CF Disk
AMC Con FWH Intel 3100
USB2 & USB3 Port 16 Ports 2,3 Ports 4..11
TPM (optional)
Mini USB Con. USB Con. RJ45 w/ X'mr FrontPanel
USB-Serial Converter
USB0
SATA 0 & SATA1 COM1
IMCH IICH
PCIe x4
One PCIe x8 or two PCIe x4
Dual GbE
SERDES
Ports 0,1
Clock Generator
DC/DC Converter
Environment
Regulatory Compliance
Temperature Humidity Vibration(5~500Hz) Shock Altitude Conformance NEBSLevel3 Standards
Operating Non-operating -5~55C(23~122F) -40~70C(-40~140F) IEC60068-2-78(95%RH@40C) IEC60068-2-6(0.002G2/Hz,1Grms) IEC60068-2-27(10G,11ms) sealevelto4,000mabovesealevel 10,000abovesealevel UL94V0,FCCClassB,CE,RoHS&WEEEReady DesignedforGR-63-COREandGR-1089-CORE PICMGAMC.0,AMC.1,AMC.2,AMC.3,IPMIv1.5,HPM.1
Ordering Information
Model Number MIC-5602A2-M2E MIC-5602A2-M4E Notes: 1.TPMoptionisavailableonrequest. 2.CFmoduleoptionisavailableonrequest. 3.MIC-5602A2-M4Ebuildswilldependontheavailabilityofthe4GBDDR2SDRAM from the manufacturers. Check with your local Advantech sales ahead of time for information. On-Board Option CPU Memory Core2DuoLV1.8GHz(SL9380) 2GBDDR2withECC Core2DuoLV1.8GHz(SL9380) 4GBDDR2withECC
Figure 1: MIC-5602A2-M2E with Full-Size Front Panel
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of MIC-5602A2-M2E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X