Part Number Hot Search : 
TAP3500 AD8260 AXA2R DMC16230 0L000 AXA2R BF494 01906
Product Description
Full Text Search
 

To Download MBRB1045T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRB1045, MBRD1045
Preferred Device
SWITCHMODEt Schottky Power Rectifier
Surface Mount Power Package
This series of Power Rectifiers employs the Schottky Barrier principle in a large metal-to-silicon power diode. State-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for use in low voltage, high frequency switching power supplies, free wheeling diodes, and polarity protection diodes.
Features http://onsemi.com
SCHOTTKY BARRIER RECTIFIER 10 AMPERES, 45 VOLTS
1 4 3
* * * * * *
Guardring for Stress Protection Low Forward Voltage 175C Operating Junction Temperature Epoxy Meets UL 94 V-0 @ 0.125 in Short Heat Sink Tab Manufactured - Not Sheared! Pb-Free Packages are Available
1 3
MARKING DIAGRAM
4 AY WW MBRB1045G AKA
Mechanical Characteristics:
* Case: Epoxy, Molded, Epoxy Meets UL 94 V-0 * Weight: 1.7 grams for D2PAK (approximately) * * * *
0.4 grams for DPAK (approximately) Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Device Meets MSL1 Requirements ESD Ratings: Machine Model, C (>400 V) Human Body Model, 3B (>8000 V)
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TC = 135C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz) TC = 135C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction and Storage Temperature Range (Note 1) Symbol VRRM VRWM VR IF(AV) IFRM Value 45 Unit V
D2PAK CASE 418B PLASTIC A Y WW MBRB1045 G AKA 4 12 3 DPAK CASE 369C Y WW B1045 G = Assembly Location = Year = Work Week = Device Code = Pb-Free Package = Diode Polarity
MAXIMUM RATINGS
MARKING DIAGRAM
YWW B10 45G
10 20
A A
IFSM
150 (MBRB) 70 (MBRD) -65 to +175
A
= Year = Work Week = Device Code = Pb-Free Package
TJ, Tstg
C
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Voltage Rate of Change (Rated VR) dv/dt 10000 V/ms Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA.
(c) Semiconductor Components Industries, LLC, 2006
Preferred devices are recommended choices for future use and best overall value.
1
February, 2006 - Rev. 6
Publication Order Number: MBRB1045/D
MBRB1045, MBRD1045
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, (MBRB1045) - Junction-to-Case (Note 2) - Junction-to-Ambient (Note 2) (MBRD1045) - Junction-to-Case (Note 2) - Junction-to-Ambient (Note 2) 2. When mounted using minimum recommended pad size on FR-4 board. Symbol RqJC RqJA RqJC RqJA Value 1.0 50 2.43 68 Unit C/W
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (Note 3) (IF = 10 Amps, TJ = 125C) (IF = 20 Amps, TJ = 125C) (IF = 20 Amps, TJ = 25C) Maximum Instantaneous Reverse Current (Note 3) (Rated dc Voltage, TJ = 125C) (Rated dc Voltage, TJ = 25C) 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0% Symbol VF 0.57 0.72 0.84 IR 15 0.1 mA Value Unit V
ORDERING INFORMATION
Device MBRB1045 MBRB1045G MBRB1045T4 MBRB1045T4G MBRD1045T4G Package D2PAK D2PAK (Pb-Free) D2PAK D2PAK (Pb-Free) DPAK (Pb-Free) Shipping 50 Units / Rail 50 Units / Rail 800 Units / Tape & Reel 800 Units / Tape & Reel 2500 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MBRB1045, MBRD1045
100 70 50 30 20 iF, INSTANTANEOUS FORWARD CURRENT (AMPS) iF, INSTANTANEOUS FORWARD CURRENT (AMPS) TJ = 150C 100C 25C 100 TJ = 150C 70 50 30 20 100C 25C
10 7.0 5.0 3.0 2.0
10 7.0 5.0 3.0 2.0
1.0 0.7 0.5 0.3 0.2
1.0 0.7 0.5 0.3 0.2
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Maximum Forward Voltage
Figure 2. Typical Forward Voltage
http://onsemi.com
3
MBRB1045, MBRD1045
100 TJ = 150C IR , REVERSE CURRENT (mA) IR , REVERSE CURRENT (mA) 10 1.0 125C 100C 75C 10 125C 1.0 100C 75C 100 150C
0.1 25C 0.01
0.1
0.01 25C 0.001 0 5.0 10 15 20 25 30 35 40 45 50 0 5.0 10 15 20 25 30 35 40 45 50 VR, REVERSE VOLTAGE (VOLTS) VR, REVERSE VOLTAGE (VOLTS)
0.001
Figure 3. Maximum Reverse Current
Figure 4. Typical Reverse Current
IFSM , PEAK HALF-WAVE CURRENT (AMPS)
200
1400 1200 C, CAPACITANCE (pF) 1000 800 600 400 200 0 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 0 10 20 30 40 50 NUMBER OF CYCLES AT 60 Hz VR, REVERSE VOLTAGE (VOLTS)
100 70 50
30 20
Figure 8. Maximum Surge Capability
PF(AV) , AVERAGE FORWARD POWER DISSIPATION (WATTS)
Figure 5. Typical Capacitance
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
18 16 14 12 10 8.0 6.0 4.0 2.0 0 130 135 140 145 150 155 TC, CASE TEMPERATURE (C) SQUARE WAVE RATED VOLTAGE APPLIED dc
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 2.0 4.0 6.0 8.0 10 12 14 16 18 IF(AV), AVERAGE FORWARD CURRENT (AMPS) SQUARE WAVE dc
Figure 6. Current Derating, Case, RqJC = 1.0 C/W
Figure 7. Forward Power Dissipation
http://onsemi.com
4
MBRB1045, MBRD1045
PACKAGE DIMENSIONS
D2PAK 3 CASE 418B-04 ISSUE J
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 418B-01 THRU 418B-03 OBSOLETE, NEW STANDARD 418B-04. DIM A B C D E F G H J K L M N P R S V INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.035 0.045 0.055 0.310 0.350 0.100 BSC 0.080 0.110 0.018 0.025 0.090 0.110 0.052 0.072 0.280 0.320 0.197 REF 0.079 REF 0.039 REF 0.575 0.625 0.045 0.055 MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 7.87 8.89 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 1.32 1.83 7.11 8.13 5.00 REF 2.00 REF 0.99 REF 14.60 15.88 1.14 1.40
C E -B-
4
V W
A
1 2 3
S
-T-
SEATING PLANE
K G D H
3 PL M
W J
0.13 (0.005) VARIABLE CONFIGURATION ZONE L M
TB
M
R
N U L
P L M
M
F VIEW W-W 1
F VIEW W-W 2
F VIEW W-W 3
SOLDERING FOOTPRINT*
8.38 0.33
10.66 0.42
1.016 0.04
5.08 0.20
3.05 0.12 17.02 0.67
SCALE 3:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MBRB1045, MBRD1045
PACKAGE DIMENSIONS
DPAK (SINGLE GUAGE) CASE 369C ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MBRB1045/D


▲Up To Search▲   

 
Price & Availability of MBRB1045T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X