Part Number Hot Search : 
CD6282 RH732E ATU18600 M3100 HIN206CB AD642 OHN3177U HIN207IP
Product Description
Full Text Search
 

To Download LSD1805-64V-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805/64V-XX
DATA SHEET
DOC. NO REV. DATE
: :
QW0905- LSD1805/64V-XX A
: 09 - Jun. - 2006
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page 1/7
Package Dimensions
37.8 (1.488")
10.8 (0.425")
55.8 (2.197")
44.8 (1.764")
48.26 (1.9")
4.5
LSD1805/64V-XX LIGITEK
0.6 TYP 2.54X4=10.16(0.4")
7.30.5
PIN NO.1
Note : 1.All dimension are in millimeters and (lnch) tolerance is 0.25(0.01") unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page 2/7
Internal Circuit Diagram
LSD18054V-XX 1,5
A B C D E
F
G
DP
7
64
3
2 9 10
8
LSD18064V-XX 1,5
A B C D E
F
G
DP
76
4 3 2 9 10 8
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page 3/7
Electrical Connection
PIN NO. 1 2 3 4 5 6 7 8 9 10
LSD18054V-XX
Common Cathode Anode E Anode D Anode C Common Cathode Anode B Anode A Anode DP Anode F Anode G
PIN NO. 1 2 3 4 5 6 7 8 9 10
LSD18064V-XX
Common Anode Cathode E Cathode D Cathode C Common Anode Cathode B Cathode A Cathode DP Cathode F Cathode G
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page 4/7
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol VR Forward Current Per Chip Peak Forward Current Per Chip (Duty 1/10,0.1ms Pulse Width) Power Dissipation Per Chip Reverse Current Per Any Chip Operating Temperature Storage Temperature IF 30 100 mA UNIT
IFP
mA
PD Ir Topr Tstg
100 10 -25 ~ +85 -25 ~ +85
mW
A
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
Electrical
CHIP
PART NO
Material LSD18054V-XX GaAlAs LSD18064V-XX
common cathode or anode Emitted
Common Cathode Red Common Anode
P (nm)
(nm)
Vf(v)
Iv(mcd)
IV-M
Min. Typ. Max. Min. Typ.
660
20
4.5
5.4
7.2
6.1
10.5
2:1
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page 5/7
Test Condition For Each Parameter
Parameter Forward Voltage Per Chip Luminous Intensity Per Chip Peak Wavelength Spectral Line Half-Width Reverse Current Any Chip Luminous Intensity Matching Ratio
Symbol Vf Iv
Unit volt mcd nm nm
Test Condition If=20mA If=10mA If=20mA If=20mA Vr=5V
P
Ir IV-M
A
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page6/7
Typical Electro-Optical Characteristics Curve
VR CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.0
Forward Current(mA)
100 10 1 01 1.0 2.0 3.0 4.0 5.0
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0.0 1 10 100 1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
-40 -20 0 20 40 60 80 100
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0 0.9
0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0.5
0.0 550 600 650 700
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD1805/64V-XX Page 7/7
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=10mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LSD1805-64V-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X