Part Number Hot Search : 
C3406 BC847 10211 UPC1225H AIC1722 FALC54 ADXL2 D677A
Product Description
Full Text Search
 

To Download LP731JTTE103G3600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LP73
thin film resistance thermal chip sensors
EU
features * Thin film thermal sensors of SMD type * Resistance tolerance 1%, a wide range of TCRs +3000x10-6/K~+5000x10-6/K with the standard products * Suitable for control of temperatures in various industrial equipment * Suitable for both flow and reflow soldering * Marking: Black body color * Products with lead-free terminations meet EU RoHS and China RoHS requirements
circuit protection
dimensions and construction
c L c Type
(Inch Size Code)
L
Dimensions inches (mm) W c d
t .02.004 (0.50.1)
W
1J (0603) Solder Plating Ni Plating 2A (0805) 2B (1206)
.063.008 .031.008 .012.008 .012.008 (1.60.2) (0.80.2) (0.30.2) (0.30.2)
.079.008 .049.008 .016.008 .016.008 .02.006 (0.40.2) (0.50.15) (2.00.2) (1.250.2) (0.40.2) .126.008 .063.008 (3.20.2) (1.60.2) .02.012 (0.50.3) .02.012 (0.50.3) .02.006 (0.50.15)
t d Protective Coating Resistive Inner Electrode Film
Ceramic Substrate
ordering information
New Part # LP73 Type 2B Size Code 1J: 0603 2A: 0805 2B: 1206 T Termination Material T: Sn TE Packaging TE: 4mm embossed pitch plastic (5,000 pieces/reel) 103 Resistance Value 2 significant figures + 1 multiplier for 2% and 5% 3 significant figures + 1 multiplier for 1% J Tolerance F: 1% G: 2% J: 5% 3600 T.C.R.
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/20/08
152
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
LP73
thin film resistance thermal chip sensors applications and ratings
Part Designation LP731J LP732A LP732B Power Rating 0.016W 0.031W 0.063W Thermal Thermal Time Dissipation Constant Constant (sec.) (mW/C) 2 4 6.5 1.2 1.8 2.4 +70C -55C to +125C 100 1k 100 2k 100 10k F: 1% G: 2% J: 5% Rated Ambient Temp. Operating Temp. Range T.C.R. Resistance T.C.R. (ppm/C) Tolerance Tolerance Max. LP731J LP732A LP732B 3000 3300 3600 4000 4500 5000 Resistance Range E-24
5%
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -55
Temperature Characteristics
Resistance Changing Rate (R) 60 50 40 30 20 10 0 -10 -20 -30 -40 -75
6000ppm/C 4600ppm/C 4000ppm/C 3600ppm/C 3300ppm/C 3000ppm/C
-20
0
20 40 60 80 70 Ambient Temperature (C)
100 120 140 125
-50
-25
0
25
50
75
100
125
Ambient Temperature (C)
Approximate Expression for Resistance-Temperature Characteristics
T.C.R. (x10-6/K) 3000 3300 3600 4000 4500 5000 C0 0.930587 0.924633 0.915818 0.907050 0.897412 0.885114 C1 0.00265022 0.00292657 0.003232524 0.00361010 0.00395222 0.00436780 C2 3.89831 4.00637 4.34173 4.33462 6.05201 7.48048 x x x x x x 10-6 10-6 10-6 10-6 10-6 10-6 (Values are not guaranteed but typical) RT=R25 (C0+C1T+C2T2) RT: Resistance value at TC R25: Resistance value at 25C T: Ambient temperature (C) C0, C1, C2: Constants
Performance Characteristics
Parameter Resistance T.C.R. Overload Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C High Temperature Exposure
Requirement R Limit Typical -- -- 0.3% 0.3% 0.3% 1.5% 1.5% 8 (Reference) 25C +25C/+65C
Test Method
Within regulated tolerance Within specified T.C.R. 0.5% 0.5% 0.5% 2.0% 2.0% --
Rated voltage x 2.5 for 5 seconds 260C 5C, 10 seconds 1 second -55C (30 minutes),+25C (2-3 minutes), +125C (30 minutes), +25C (2-3 minutes), 5 cycles 40C 2C, 90 - 95% RH, 1000 hours, 1.5 hours ON, 0.5 hours OFF cycle 70C 2C, 1000 hours, 1.5 hours ON, 0.5 hours OFF cycle +125C, 1000 hours
11/20/08
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
153
circuit protection


▲Up To Search▲   

 
Price & Availability of LP731JTTE103G3600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X