Part Number Hot Search : 
SBFP420M MPSW9 2SC4420 LUR6100 MH1382 APT1004 AVR600 MH1363
Product Description
Full Text Search
 

To Download KBPC810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC8005 THRU KBPC810
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 8.0A
FEATURE
Surge overload rating: 125 A peak High case dielectric strength
KBPC 8
MECHANICAL DATA
Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting: Hole thru for # 6 screw Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
KBPC 8005
KBPC 801
KBPC 802
KBPC 804
KBPC 806
KBPC 808
KBPC 810
units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Tc=50C Current at Ta Ta =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 4.0A DC Maximum DC Reverse Current at rated DC blocking voltage Operating Temperature Range Ta =25C Ta =100C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Tj Tstg
50 35 50
100 70 100
200 140 200
400 280 400 8.0 6.0 125.0 1.1 10.0 200.0 -55 to +125 -55 to +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A
Storage and Operation Junction Temperature
C C
Rev.4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBPC8005 THRU KBPC810
1
1
Rev.4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBPC810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X