Part Number Hot Search : 
KIA7423F 0ACSE E0026 BROAD HI562800 SHA396A 30006 TK11816
Product Description
Full Text Search
 

To Download IXZR08N120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IXZR08N120 & IXZR08N120A/B
Z-MOS RF Power MOSFET
N-Channel Enhancement Mode Switch Mode RF MOSFET Low Capacitance Z-MOSTM MOSFET Process Optimized for RF Operation Ideal for Class C, D, & E Applications
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR dv/dt Test Conditions
TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient Tc = 25C Tc = 25C, pulse width limited by TJM Tc = 25C Tc = 25C IS IDM, di/dt 100A/s, VDD VDSS, Tj 150C, RG = 0.2 IS = 0
VDSS ID25 RDS(on) PDC
V V V V
S DD GSG =G S 0 =D 12 0A = 12 0B 12
= = =
1200 V 8.0 A 1.5 250 W
Maximum Ratings 1200 1200 20 30 8 40 8 TBD 5 >200 250
A A A mJ V/ns V/ns W W W C/W C/W
PDC PDHS PDAMB RthJC RthJHS
Tc = 25C, Derate 4.4W/C above 25C Tc = 25C
180 3.0 0.60 0.85
Features
min. VDSS VGS(th) IGSS IDSS RDS(on) gfs TJ TJM Tstg TL Weight
1.6mm(0.063 in) from case for 10 s VGS = 0 V, ID = 4 ma VDS = VGS, ID = 250 VGS = 20 VDC, VDS = 0 VDS = 0.8VDSS VGS=0 TJ = 25C TJ =125C
typ.
max. V
* Isolated Substrate - high isolation voltage (>2500V) - excellent thermal transfer - Increased temperature and power * * - - * * *
cycling capability IXYS advanced Z-MOS process Low gate charge and capacitances easier to drive faster switching Low RDS(on) Very low insertion inductance (<2nH) No beryllium oxide (BeO) or other hazardous materials
1200 4 4.9 6 100 50 1 1.4 4 -55 175 -55 300 3.5 + 175 5.5 6.5 +175
V nA A mA S C C C C g
VGS = 15 V, ID = 0.5ID25 Pulse test, t 300S, duty cycle d 2% VDS = 20 V, ID = 0.5ID25, pulse test
Advantages
* High Performance RF Z-MOSTM * Optimized for RF and high speed
switching at frequencies to 100MHz
* Common Source RF Package * Easy to mount--no insulators needed
IXZR08N120 & IXZR08N120A/B
Z-MOS RF Power MOSFET
Symbol Test Conditions Characteristic Values (TJ = 25C unless otherwise specified) min. RG Ciss Coss Crss Cstray Td(on) Ton Td(off) Toff Qg(on) Qgs Qgd Source-Drain Diode Symbol IS ISM VSD Trr Test Conditions
VGS = 0 V Repetitive; pulse width limited by TJM IF=Is, VGS=0 V, Pulse test, t 300 s, duty cycle 2% VGS = 10 V, VDS = 0.5 VDSS ID = 0.5 ID25 IG = 3mA VGS = 15 V, VDS = 0.8 VDSS ID = 0.5 IDM RG = 0.2 (External) Back Metal to any Pin VGS = 0 V, VDS = 0.8 VDSS(max), f = 1 MHz
typ. 0.3 1900 86 11 33 4 5 4 6 39 11 19
max. pF pF pF pF ns ns ns ns nC nC nC
Characteristic Values (TJ = 25C unless otherwise specified) min. typ. max. 8 48 1.5 200 A V ns
CAUTION: Operation at or above the Maximum Ratings values may impact device reliability or cause permanent damage to the device. Information in this document is believed to be accurate and reliable. IXYSRF reserves the right to make changes to information published in this document at any time and without notice.
IXYS RF reserves the right to change limits, test conditions and dimensions. IXYS RF MOSFETS are covered by one or more of the following U.S. patents: 4,835,592 4,860,072 4,881,106 4,891,686 4,931,844 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,381,025 5,640,045 6,404,065 6,583,505 6,710,463 6,731,002
5,017,508 5,486,715 6,727,585
IXZR08N120 & IXZR08N120A/B
Z-MOS RF Power MOSFET
Fig. 1
Gate Charge vs. Gate-to-Source Voltage VDS = 600V, ID = 4A, IG = 3m A
Fig. 2
Typical Output Characteristics
15
7.5V 8V - 12V
16
Gate-to-Source Voltage (V)
14 12 10 8 6 4 2 0 0 20 40 60 80
ID , Drain Currnet (A)
10
7V
5
6.5V
0 0 10 20 30 40 50 60
Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig. 3
Typical Transfer Characteristics V DS = 60V, PW = 30uS 25
Fig. 4
Extended Typical Output Characteristics
25
Top 9V - 12V 8V 7.5V 7V 6.5V
ID, Drain Currnet (A)
ID , Drain Current (A)
20 15 10 5 0 5 6 7 8 9 10 11 12 V GS , Gate-to Source Voltage (V)
20
Bottom
15 10 5 0 0 10 20 30 40 50 60
VDS, Drain-to-Source Voltage (V)
Fig. 5
10000
V DS vs. Capactiance
Ciss
C a p a cita n ce (p F)
1000
100
Coss Crss
10
1 0 100 200 300 400 500 600 700 800 900 1000
VDS Voltage (V)
IXZR08N120 & IXZR08N120A/B
Z-MOS RF Power MOSFET
Fig. 6 Package Drawing
120: 1=G, 2=D, 3=S 120A: 1=G, 2=S, 3= D 120B: 1=D, 2=S, 3=G
Doc #dsIXZR08N120A/B REV 05/09 (c) 2009 IXYS RF
An
IXYS Company
2401 Research Blvd., Suite 108 Fort Collins, CO USA 80526 970-493-1901 Fax: 970-493-1903 Email: sales@ixyscolorado.com Web: http://www.ixyscolorado.com


▲Up To Search▲   

 
Price & Availability of IXZR08N120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X