Part Number Hot Search : 
TA0245A 4707NT1 40000 5KE11A 3S4YR M204SD GC1512 DSR1AS1A
Product Description
Full Text Search
 

To Download HMC132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v02.1201
MICROWAVE CORPORATION
HMC132
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 15 GHz
Features
Bandwidth: DC - 15 GHz High Isolation: >40 dB Non-Reflective Design
Typical Applications
The HMC132 is ideal for: * Wireless Local Loop * MMDS & Wireless LAN * UNII & HiperLAN * Fiber Optics
Functional Diagram
General Description
The HMC132 chip is a fast, broadband SPDT switch featuring high (40 dB) isolation over the entire band, provided by on-chip ground vias. The switch is non-reflective at both the RF1 and RF2 ports. A negative control voltage of 0 / -5 Vdc to 0 / -7 Vdc controls the channel selection. Redundant A/B control lines lend versatility to MIC layouts.
7
SWITCHES - CHIP
Electrical Specifications, TA = +25 C, With 0/-5V control, 50 Ohm System
Parameter Inser tion Loss Frequency DC - 6 GHz DC - 15 GHz DC - 6 GHz DC - 15 GHz DC - 6 GHz DC - 15 GHz 0.5 - 15 GHz 0.5 - 15 GHz 0.5 - 15 GHz 45 37 14 9.5 +20 +22 +38 Min. Typ. 1.9 4.0 55 40 17 11 +25 +28 +42 Max. 2.4 4.5 Units dB dB dB dB dB dB dBm dBm dBm
Isolation
Return Loss Input Power for 0.1 dB Compression Input Power for 1dB Compression Input Third Order Intercept Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF)
DC - 15 GHz
3 6
ns ns
7-2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v02.1201
MICROWAVE CORPORATION
HMC132
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 15 GHz
Insertion Loss
0 -1 INSERTION LOSS (dB) -2 -3 -4
Isolation
0 -10 -20 -30 -40 -50 -60
RF1 RF2
-5 0 2 4 6 8 10 12 FREQUENCY (GHz) 14 16
ISOLATION (dB)
-70 0 2 4 6 8 10 12 14 16 FREQUENCY (GHz)
Return Loss
0
RETURN LOSS (dB)
7
SWITCHES - CHIP
7-3
-10
-20
-30 0 2 4 6 8 10 12 FREQUENCY (GHz) 14 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v02.1201
MICROWAVE CORPORATION
HMC132
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 15 GHz
Truth Table
Control Input A HIGH LOW B LOW HIGH Single Path State RF to RF1 ON OFF RF to RF2 OFF ON
Control Voltages
State Low High Bias Condition 0 to -0.2V @ 20uA Max. -5V @ 200uA Typ to -7V @ 600uA Max
Absolute Maximum Ratings
Control Voltage Range Storage Temperature Operating Temperature +0.5 to -7.5 Vdc -65 to +175 deg C -55 to +125 deg C
7
SWITCHES - CHIP
Outline Drawing
DIE THICKNESS IS 0.004, BACKSIDE IS GROUND BOND PADS ARE 0.004, SQUARE ALL DIMENSION IN INCHES 0.001 BOND PAD METALLIZATION: GOLD BACKSIDE METALLIZATION: GOLD
7-4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v02.1201
MICROWAVE CORPORATION
HMC132
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 15 GHz
Suggested Driver Circuit
Vz=5.1V Izt=50uA COMPENSATED DEVICES CD4689 TTL OR CMOS
VCC GND VCC GND
A
GaAs SWITCH CONTROL
B
10K
74HCT04 (TTL) 74HC04 (CMOS) -5 VDC
Simple driver using inexpensive standard logic ICs provides fast switching using minimum DC current.
7
SWITCHES - CHIP
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
7-5
v02.1201
MICROWAVE CORPORATION
HMC132
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 15 GHz
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat.
7
SWITCHES - CHIP
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire (DC Bias) or ribbon bond (RF ports) 0.076 mm x 0.013 mm (3 mil x 0.5 mil) size is recommended. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
7-6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v02.1201
MICROWAVE CORPORATION
HMC132
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 15 GHz
Notes:
7
SWITCHES - CHIP
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
7-7


▲Up To Search▲   

 
Price & Availability of HMC132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X