Part Number Hot Search : 
EA1523A SSS91850 MD7004 AN2808 P4KE100 BGA7014 LC753 KS16118
Product Description
Full Text Search
 

To Download FPF1003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FPF1003A IntelliMAXTM Advanced Load Management Products
July 2008
FPF1003A IntelliMAXTM Advanced Load Management Products
Features
1.2 to 5.5V Input Voltage Range RDS(ON) = 30 m @ VIN = 5.5V RDS(ON) = 35 m @ VIN = 3.3V ESD Protected, above 5500V HBM RoHS Compliant
tm
General Description
The FPF1003A is low RDS P-Channel MOSFET load switches with controlled turn-on. The input voltage range operates from 1.2V to 5.5V to fulfill today's Ultra Portable Device's supply requirement. Switch control is by a logic input (ON) capable of interfacing directly with low voltage control signal. FPF1003A is available in a space-saving 1.0x1.5 mm2 chip scale package, 1.0X1.5CSP-6.
Applications
PDAs Cell Phones GPS Devices MP3 Players Digital Cameras Peripheral Ports Hot Swap Supplies
Pin 1
VIN VIN ON GND VOUT VOUT
BOTTOM
TOP
Typical Application Circuit
VIN VOUT
TO LOAD
FPF1003A OFF ON ON GND
Ordering Information
Part
FPF1003A
Switch
30m, PMOS
Input buffer
Schmitt
Output Discharge
NA
ON Pin Activity
Active HI
(c)2007 Fairchild Semiconductor Corporation FPF1003A Rev. E
1
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Functional Block Diagram
VIN
VOUT
ON
Control Logic
Turn-On Slew Rate Controlled Driver
ESD Protection
GND
Pin Configuration
A2 A1
B2
B1
C2
C1
1.0 x 1.5 CSP Bottom View
Pin Description
Pin
A2, B2 C2 A1, B1 C1
Name
VIN ON VOUT GND ON Control Input
Function
Supply Input: Input to the power switch and the supply voltage for the IC Switch Output: Output of the power switch Ground
Absolute Maximum Ratings
Parameter
VIN, VOUT, ON to GND Power Dissipation @ TA = 25C (Note 1) Maximum Continuous Switch Current Operating Temperature Range Storage Temperature Thermal Resistance, Junction to Ambient Electrostatic Discharge Protection HBM CDM 5500 1500 -40 -65
Min
-0.3
Max
6 1.2 2.0 125 150 85
Unit
V W A C C C/W V V
FPF1003A Rev. E
2
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Recommended Operating Range
Parameter
VIN Ambient Operating Temperature, TA
Min
1.2 -40
Max
5.5 85
Unit
V C
Electrical Characteristics
VIN = 1.2 to 5.5V, TA = -40 to +85C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25C.
Parameter
Basic Operation Operating Voltage Quiescent Current Off Supply Current Off Switch Current
Symbol
VIN IQ IQ(off) ISD(off)
Conditions
Min
1.2
Typ
Max
5.5 1 1 1
Units
V A A A nA
IOUT = 0mA, VIN = Von VON = GND, OUT = open VON = GND, VOUT = 0 @ VIN = 5.5V, TA = 85C VON = GND, VOUT = 0 @ VIN = 3.3V, TA = 25C VIN = 5.5V, IOUT = 1A, TA = 25C VIN = 3.3V, IOUT = 1A, TA = 25C VIN = 1.5V, IOUT = 1A, TA = 25C VIN = 1.2V, IOUT = 1A, TA = 25C VIN = 3.3V, IOUT = 1A, TA = 85C VIN = 3.3V, IOUT = 1A, TA = -40C to +85C 12 2 0.8 VIN = 2.7V to 5.5V VIN = 1.2V VIN = 2.7V to 5.5V VIN = 1.2V VON = VIN or GND 10 20 25 50 95 30
100 30 35 75 150 42 42
On-Resistance
RON
m
ON Input Logic High Voltage ON Input Logic Low Voltage ON Input Leakage Dynamic Turn On Delay Turn Off Delay VOUT Rise Time VOUT Fall Time
VIH VIL
V 0.8 0.35 1 13 45 13 113 V A s s s s
tON tOFF tR tF
VIN = 3.3V, RL = 500, CL = 0.1uF, TA = 25C VIN = 3.3V, RL = 500, CL = 0.1uF, TA = 25C VIN = 3.3V, RL = 500, CL = 0.1uF, TA = 25C VIN = 3.3V, RL = 500, CL = 0.1uF, TA = 25C
Note 1: Package power dissipation on 1square inch pad, 2 oz. copper board.
FPF1003A Rev. E
3
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Typical Characteristics
10
2.5
8 SUPPLY CURRENT (nA)
2.0 ON THRESHOLD (V)
MAX LIMIT
6
1.5
TYPICAL
4
VON = VIN
1.0
2 VON = 0V 0 1 2 3 4 5 6 7 SUPPLY VOLTAGE (V) 8 9 10
0.5
0.0 1 2 3 4 SUPPLY VOLTAGE (V) 5 6
Figure 1. Quiescent Current vs.VIN
Figure 2. ON Threshold vs. VIN
16 14 SUPPLY CURRENT (nA)
SUPPLY CURRENT (nA)
10
12 10 8 6 4 2 0 -40
VIN = 5.5V
8
6
VIN = 5.5V
4
2
VIN = 3.3V
VIN = 3.3V
0
-15
10 35 60 TJ, JUNCTION TEMPERATURE (oC)
85
-40
-15
10 35 60 o TJ, JUNCTION TEMPERATURE ( C)
85
Figure 3. Quiescent Current vs. Temperature
Figure 4. Quiescent Current (off) vs. Temperature
1600 1400 SUPPLY CURRENT (nA) 1200 1000 800 600 400 200 0 -50
VIN = 3.3V
160 140 SUPPLY CURRENT (nA) 120 100 80 60 40 20 0
-25 0 25 50 o TJ, JUNCTION TEMPERATURE ( C) 75 100
VIN = 5.5V
1
2
3 4 SUPPLY VOLTAGE (V)
5
6
Figure 5. ISWITCH-OFF Current vs. Temperature
Figure 6. ISWITCH-OFF Current vs. VIN
FPF1003A Rev. E
4
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Typical Characteristics
250
IOUT = 1A
1.5
VIN = 3.3V IOUT = 1A
ON RESISTANCE (mOhms)
200
1.3 RON NORMALIZED
150
1.1
100
0.9
50
0.7
0 0 1 2 3 4 SUPPLY VOLTAGE (V) 5 6 7
0.5 -50
-25
0 25 50 75 TJ, JUNCTION TEMPERATURE (oC)
100
Figure 7. RON vs. VIN
Figure 8. RON vs. Temperature
70 60 TURN ON/OFF TIME (uS) 50 40 30 20 10 0 -50
180
VIN = 3.3V RL = 500 CL = 0.1uF
160 RISE / FALL TIME (uS) 140 120 100 80 60 40 20 0
VIN = 3.3V RL = 500 CL = 0.1uF
TOFF
TFALL
TON
TRISE
-25
0 25 50 TJ, JUNCTION TEMPERATURE (oC)
75
100
-50
-25
0 25 50 TJ, JUNCTION TEMPERATURE ( oC)
75
100
Figure 9. TON/TOFF vs. Temperature
Figure 10. TRISE/TFALL vs. Temperature
VON 2V/DIV
VIN=3.3V CIN=1F COUT=0.1F RL=500
VON 2V/DIV
VIN=3.3V CIN=1F COUT=0.1F RL=500
IOUT 10mA/DIV
IOUT 10mA/DIV
VOUT 2V/DIV
VOUT 2V/DIV
50s/DIV Figure 11. TON Response
50s/DIV Figure 12. TOFF Response
FPF1003A Rev. E
5
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Typical Characteristics
VIN=3.3V CIN=1F COUT=0.1F RL=10 VIN=3.3V CIN=1F COUT=0.1F RL=10
VON 2V/DIV
VON 2V/DIV
IOUT 200mA/DIV
IOUT 200mA/DIV
VOUT 2V/DIV
VOUT 2V/DIV
50s/DIV Figure 13. TON Response
2s/DIV Figure 14. TOFF Response
FPF1003A Rev. E
6
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Description of Operation
The FPF1003A is low RDS(ON) P-Channel load switches with controlled turn-on. The core of each device is a 30m P-Channel MOSFET and a controller capable of functioning over a wide input operating range of 1.2-5.5V. Switch control is by a logic input (ON) capable of interfacing directly with low voltage control signal.
Application Information
Typical Application
TO LOAD VIN Battery 1.2V-5.5V VOUT
FPF1003A OFF ON C1 = 1F ON GND C2 = 0.1F R1 = 499
Input Capacitor
To limit the voltage drop on the input supply caused by transient in-rush currents when the switch turns-on into a discharged load capacitor or short-circuit, a capacitor needs to be placed between VIN and GND. A 0.1F ceramic capacitor, CIN, must be placed close to the VIN pin. A higher value of CIN can be used to further reduce the voltage drop experienced as the switch is turned on into a large capacitive load.
Output Capacitor
A 0.1F capacitor, COUT, should be placed between VOUT and GND. This capacitor will prevent parasitic board inductance from forcing VOUT below GND when the switch turns-off. Due to the integral body diode in the PMOS switch, a CIN greater than COUT is highly recommended. A COUT greater than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current flow through the body diode from VOUT to VIN.
Board Layout
For best performance, all traces should be as short as possible. To be most effective, the input and output capacitors should be placed close to the device to minimize the effects that parasitic trace inductances may have on normal and short-circuit operation. Using wide traces for VIN, VOUT and GND will help minimize the parasitic electrical effects along with minimizing the case to ambient thermal impedance.
FPF1003A Rev. E
7
www.fairchildsemi.com
FPF1003A IntelliMAXTM Advanced Load Management Products
Dimensional Outline and Pad Layout
Product FPF1003A
D 1.500+/-0.030
E 1.000+/- 0.030
X 0.240
Y 0.240
FPF1003A Rev. E
8
www.fairchildsemi.com
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
tm
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world, 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM SyncFETTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM
UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Farichild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Farichild strongly encourages customers to purchase Farichild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handing and storage and provide access to Farichild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Farichild is committed to committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I35


▲Up To Search▲   

 
Price & Availability of FPF1003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X