Part Number Hot Search : 
01M94VLB C2012 SRM2016 XF4664S2 74LS95N 2SD19 UR480 0805LWCT
Product Description
Full Text Search
 

To Download FDMS8662 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMS8662 N-Channel PowerTrench(R) MOSFET
November 2007
FDMS8662
N-Channel PowerTrench MOSFET
30V, 49A, 2.0m
Features
Max rDS(on) = 2.0m at VGS = 10V, ID = 28A Max rDS(on) = 3.0m at VGS = 4.5V, ID = 24A Advanced Package and Silicon combination for low rDS(on) and high efficiency MSL1 robust package design RoHS Compliant
(R)
tm
General Description
The FDMS8662 has been designed to minimize losses in power conversion application. Advancements in both silicon and package technologies have been combined to offer the lowest rDS(on) while maintaining excellent switching performance.
Applications
Low Side for Synchronous Buck to Power Core Processor Secondary Side Synchronous Rectifier Low Side Switch in POL DC/DC Converter Oring FET/ Load Switch
Pin 1 S S D S G D D D D D Power 56 (Bottom View) D 5 6 7 8 4 G
3S 2S 1S
D
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDS VGS Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous (Package limited) ID -Continuous (Silicon limited) -Continuous -Pulsed EAS PD TJ, TSTG Single Pulse Avalanche Energy Power Dissipation Power Dissipation TC = 25C TA = 25C (Note 1a) (Note 3) TC = 25C TC = 25C TA = 25C (Note 1a) Ratings 30 20 49 159 28 200 726 83 2.5 -55 to +150 mJ W C A Units V V
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJC RJA Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient (Note 1a) 1.5 50 C/W
Package Marking and Ordering Information
Device Marking FDMS8662 Device FDMS8662 Package Power 56 Reel Size 13'' Tape Width 12mm Quantity 3000units
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
1
www.fairchildsemi.com
FDMS8662 N-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V ID = 250A, referenced to 25C VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V 30 18 1 100 V mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A ID = 250A, referenced to 25C VGS = 10V, ID = 28A VGS = 4.5V, ID = 24A VGS = 10V, ID = 28A, TJ = 125C VDD = 10V, ID = 28A 1.0 1.7 -7 1.6 2.2 2.2 207 2.0 3.0 3.0 S m 3.0 V mV/C
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = 15V, VGS = 0V, f = 1MHz f = 1MHz 4825 2365 290 1.1 6420 3145 435 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qg Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Total Gate Charge Gate to Source Charge Gate to Drain "Miller" Charge VGS = 0V to 10V VGS = 0V to 4.5V VDD = 15V, ID = 28A VDD = 15V, ID = 28A, VGS = 10V, RGEN = 6 17 10 45 7 71 33 13 9 31 20 72 14 100 47 ns ns ns ns nC nC nC nC
Drain-Source Diode Characteristics
VSD trr Qrr Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 2.1A VGS = 0V, IS = 28A IF = 28A, di/dt = 100A/s (Note 3) 0.7 0.8 55 42 1.2 1.2 88 68 V V ns nC
NOTES: 1. RJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RCA is determined by the user's board design. a. 50C/W when mounted on a 1 in2 pad of 2 oz copper. b. 125C/W when mounted on a minimum pad of 2 oz copper.
2. Starting TJ = 25C, L = 3mH, IAS = 22A, VDD = 30V, VGS = 10V. 3. Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%.
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
2
www.fairchildsemi.com
FDMS8662 N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
200
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
2.5
VGS = 3.5V
160
ID, DRAIN CURRENT (A)
VGS = 10V VGS = 4.5V VGS = 4.0V VGS = 3.5V
2.0
VGS = 4.0V
120 80
1.5
VGS = 4.5V
VGS = 3.0V
40 0 0.0
1.0
VGS = 10V PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
0.5 0 40 80 120 160 200
ID, DRAIN CURRENT(A)
0.5
1.0 1.5 2.0 2.5 3.0 3.5 VDS, DRAIN TO SOURCE VOLTAGE (V)
4.0
Figure 1. On-Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
5
SOURCE ON-RESISTANCE (m)
1.8
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
1.6 1.4 1.2 1.0 0.8 0.6 -75
ID = 28A VGS = 10V
ID = 28A
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
4
rDS(on), DRAIN TO
3
TJ = 125oC
2
TJ = 25oC
1 -50 -25 0 25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (oC)
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. Normalized On- Resistance vs Junction Temperature
175
IS, REVERSE DRAIN CURRENT (A)
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
Figure 4. On-Resistance vs Gate to Source Voltage
200 100
VGS = 0V
140
ID, DRAIN CURRENT (A)
VDS = 5V
10 1 0.1
TJ = -55oC TJ = 25oC
105
TJ = 150oC
TJ = 150oC
70 35 0 1.0
TJ = 25oC
0.01
TJ = -55oC
1.5
2.0
2.5
3.0
3.5
0.001 0.0
0.2
0.4
0.6
0.8
1.0
1.2
VGS, GATE TO SOURCE VOLTAGE (V)
VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
3
www.fairchildsemi.com
FDMS8662 N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
10
VGS, GATE TO SOURCE VOLTAGE(V) ID = 28A
10000
8 6 4 2
f = 1MHz VGS = 0V CAPACITANCE (pF) VDD = 10V VDD = 15V VDD = 20V
Ciss Coss
1000
Crss
0 0 15 30 45 60 75
Qg, GATE CHARGE(nC)
100 0.1
1
10
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
180 160
ID, DRAIN CURRENT (A)
40
IAS, AVALANCHE CURRENT(A)
140 120 100 80 60 40 20
RJC = 1.5 C/W
o
10
TJ = 25oC
VGS = 10V
Limited by Package
VGS = 4.5V
TJ = 125oC
1 0.01
0.1
1
10
100
1000
0 25
50
75
100
o
125
150
tAV, TIME IN AVALANCHE(ms)
TC, CASE TEMPERATURE ( C)
Figure 9. Unclamped Inductive Switching Capability
300
Figure 10. Maximum Continuous Drain Current vs Case Temperature
10000
P(PK), PEAK TRANSIENT POWER (W)
1ms
100
ID, DRAIN CURRENT (A)
VGS = 10V
1000
SINGLE PULSE RJA = 125oC/W TA = 25oC
10ms
10
THIS AREA IS LIMITED BY rDS(on)
100
100ms
1
0.1
SINGLE PULSE TJ = MAX RATED RJA = 125oC/W TA = 25oC
1s 10s DC
10
0.01 0.01
0.1
1
10
100
1 0.5 -3 10
10
-2
10
-1
10
0
10
1
10
2
10
3
VDS, DRAIN to SOURCE VOLTAGE (V)
t, PULSE WIDTH (s)
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power Dissipation
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
4
www.fairchildsemi.com
FDMS8662 N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
2 1
NORMALIZED THERMAL IMPEDANCE, ZJA DUTY CYCLE-DESCENDING ORDER
0.1
0.01
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
t1
0.001
SINGLE PULSE RJA = 125 C/W
o
t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
0.0001 -3 10
10
-2
10
-1
10
0
10
1
10
2
10
3
t, RECTANGULAR PULSE DURATION (s)
Figure 13. Transient Thermal Response Curve
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
5
www.fairchildsemi.com
FDMS8662 N-Channel PowerTrench(R) MOSFET
www.fairchildsemi.com
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
6
FDMS8662 N-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R)
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FPSTM FRFET(R) Global Power ResourceSM
Green FPSTM Green FPSTM e-SeriesTM GTOTM i-LoTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PDP-SPMTM Power220(R)
Power247(R) POWEREDGE(R) Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) UniFETTM VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition
This datasheet contains the design specifications for product development. Specifications may change in any manner without notice.
tm
Rev. I31
Preliminary
First Production
This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2007 Fairchild Semiconductor Corporation FDMS8662 Rev.C1
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMS8662

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X