Part Number Hot Search : 
MC16A B32672P EPS13 M2001 FA5680 SIMPLE U3037 S2D15R
Product Description
Full Text Search
 

To Download FDC10-12D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* 10 WATTS OUTPUT POWER * OUTPUT CURRENT UP TO 2.5A * STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE * HIGH EFFICIENCY UP TO 87% * 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY (300KHz) * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC Negative & Positive logic Remote On/Off
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
OPTIONS DESCRIPTION
The FDC10 and FDC10-W series offer 10 watts of output power from a 2.0 x 1.0 x 0.4 inch package. FDC10 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. FDC10-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. All specifications are typical at nominal input, full load and 25C otherwise noted.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load Line regulation Load regulation Full load and nominal Vin LL to HL at Full Load No Load to Full Load
INPUT SPECIFICATIONS
10 Watts, max. 1% 0% 0.2% 0.5% 1% 5% Input voltage range FDC10-W Input filter Input surge voltage 100mS max FDC10 12V nominal input 24V nominal input 48V nominal input 24V nominal input 48V nominal input 9 - 18VDC 18 - 36VDC 36 - 75VDC 9 - 36VDC 18 - 75VDC Pi type 36VDC 50VDC 100VDC 30mAp-p
Single Dual Cross regulation(Dual) Asymmetrical load 25% / 100% FL Single Ripple and noise 20MHz bandwidth See table Dual 0.02% / C, max. Temperature coefficient Transient response recovery time 25% load step change 250S 3.3V output 3.9VDC Over voltage protection 5V output 6.2VDC Zener diode clamp 12V output 15VDC 15V output 18VDC Over load protection % of FL at nominal input 150%, max. Short circuit protection Hiccup, automatics recovery
12V input 24V input 48V input Input reflected ripple current Nominal Vin and full load Nominal Vin and Start up time Power up 20mS, typ. constant resistive load Remote ON/OFF (Option) (Note 6) (Positive logic) DC-DC ON Open or 3.5V < Vr < 12V DC-DC OFF Short or 0V < Vr < 1.2V (Negative logic) DC-DC ON Short or 0V < Vr < 1.2V DC-DC OFF Open or 3.5V < Vr < 12V Input current of remote control pin Nominal Vin -0.5mA ~ +1mA Remote off state input current Nominal Vin 20mA
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1) See table 1600VDC, min. 10 ohms, min. 300pF, max. 300KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper Non-conductive black plastic Epoxy (UL94-V0) 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) 27g (0.95oz) 6 BELLCORE TR-NWT-000332 1.976 x 10 hrs 6 MIL-HDBK-217F 1.416 x 10 hrs
9
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature (Reference derating curve) Maximum case temperature Storage temperature range Thermal impedance (Note 8) Thermal shock Vibration Relative humidity Standard -25C ~ +85C (with derating) M1 (Note 7) -40C ~ +85C (non-derating) M2 (W series) -40C ~ +85C (with derating) +100C -55C ~ +105C Nature convection 12C/watt Nature convection with heat-sink 10C/watt MIL-STD-810F MIL-STD-810F 5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9) EN55022 Class A Perf. Criteria B Perf. Criteria A Perf. Criteria B Perf. Criteria B Perf. Criteria A Air 8KV ESD EN61000-4-2 Contact 6KV Radiated immunity EN61000-4-3 10 V/m 2KV Fast transient (Note 10) EN61000-4-4 1KV Surge (Note 10) EN61000-4-5 Conducted immunity EN61000-4-6 10 Vr.m.s Page 1 of 3
Issued Date2008/05/21
Model Number
FDC10-12S33 FDC10-12S05 FDC10-12S12 FDC10-12S15 FDC10-12D05 FDC10-12D12 FDC10-12D15 FDC10-24S33 (W) FDC10-24S05 (W) FDC10-24S12 (W) FDC10-24S15 (W) FDC10-24D05 (W) FDC10-24D12 (W) FDC10-24D15 (W) FDC10-48S33 (W) FDC10-48S05 (W) FDC10-48S12 (W) FDC10-48S15 (W) FDC10-48D05 (W) FDC10-48D12 (W) FDC10-48D15 (W)
Input Range
9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
Min. load
0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA
Full load
2000mA 2000mA 830mA 670mA 1000mA 416mA 333mA 2000(2500mA) 2000mA 830mA 670mA 1000mA 416mA 333mA 2000(2500mA) 2000mA 830mA 670mA 1000mA 416mA 333mA
Input Current Output (4) No load Full load Ripple & Noise (3) (2)
50mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 75mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 75mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 75mVp-p 17mA 21mA 38mA 36mA 39mA 47mA 45mA 15(13mA) 22(11mA) 18(16mA) 36(26mA) 28(15mA) 24(15mA) 31(22mA) 11(10mA) 14(9mA) 14(9mA) 10(11mA) 16(12mA) 19(20mA) 16(20mA) 724mA 1082mA 1037mA 1046mA 1042mA 1053mA 1041mA 362(465mA) 534 (548mA) 519 (519mA) 523 (544mA) 527 (534mA) 513 (547mA) 520 (548mA) 181(239mA) 260 (270mA) 253 (259mA) 252 (262mA) 260 (267mA) 254 (281mA) 256 (270mA)
Eff (4) Capacitor(5) (%) Load max
80 81 84 84 84 83 84 80(78) 82 (80) 84 (84) 84 (81) 83 (82) 85 (80) 84 (80) 80(76) 84 (81) 86 (84) 87 (84) 84 (82) 86 (78) 85 (81) 6800F 4700F 690F 470F 680F 330F 110F 6800F 4700F 690F 470F 680F 330F 110F 6800F 4700F 690F 470F 680F 330F 110F
Note
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). 2. Maximum value at nominal input voltage and full load of standard type. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. The ON/OFF control pin voltage is referenced to -Vin. To order positive logic ON/OFF control add the suffix-P (Ex: FDC10-12S05-P); To order negative logic ON-OFF control add the suffix-N (Ex: FDC10-12S05-N) 7. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version. 8. Heat sink is optional and P/N: 7G-0020C-F. 9. The FDC10 series can meet EN55022 Class A with parallel an external capacitor to the input pins. Recommend: 12Vin : 4.7F/25V 1210 MLCC . 24Vin : 2.2F/50V 1812 MLCC . 48Vin : 1.5F/100V 1812 MLCC . 10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m. 1.
Page 2 of 3
Issued Date2008/05/21
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
L1 325H 3.3F/50V 1000P/2KV 1000P/2KV Common N/A 1812 MLCC MLCC MLCC Choke PMT-050 325H 2.2F/50V 1000P/2KV 1000P/2KV Common N/A 1812 MLCC MLCC MLCC Choke PMT-050 325H 2.2F/100V 2.2F/100V 1000P/2KV 1000P/2KV Common 1812 MLCC 1812 MLCC MLCC MLCC Choke PMT-050 C1 C2 C3 C4
FDC1012xxx FDC1024xxx
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
FDC1048xxx
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT + OUTPUT NO PIN - OUTPUT CTRL (Option) DUAL + INPUT - INPUT + OUTPUT COMMON - OUTPUT CTRL (Option)
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of FDC10-12D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X