Part Number Hot Search : 
D75104G LT1805 SM230 LT1057 MAX4678 AH282 BY6312 BY6312
Product Description
Full Text Search
 

To Download EIC1213-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC1213-12
ISSUED 3-19-09
12.75-13.25 GHz 12-Watt Internally Matched Power FET
Excelics
EIC1213-12
.827.010 .669
.120 MIN
FEATURES
* * * * * * * 12.75- 13.25 GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +41 dBm Output Power at 1dB Compression 6 dB Power Gain at 1dB Compression 25% Power Added Efficiency Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
.024 .421
YYWW
SN
.120 MIN
.125 .508.008 .442 .168.010
ALL DIMENSIONS IN INCHES
.004 .063 .004 .105.008
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G IMD3 PAE Id1dB IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 12.75-13.25GHz VDS = 10 V, IDSQ 3700mA Gain at 1dB Compression f = 12.75-13.25GHz VDS = 10 V, IDSQ 3700mA Gain Flatness f = 12.75-13.25GHz VDS = 10 V, IDSQ 3700mA Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 30.0 dBm S.C.L2 VDS = 10 V, IDSQ 65% IDSS f = 13.25 GHz Power Added Efficiency at 1dB Compression VDS = 10 V, IDSQ 3700mA f = 12.75-13.25GHz Drain Current at 1dB Compression Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
40.5 5
TYP
41 6
MAX
UNITS
dBm dB
0.6 -41 -45 25 3800 8 -2.5 1.8 4300 10 -4.0 2.1
o
dB dBc % mA A V C/W
f = 12.75-13.25GHz
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 75 mA
Note: 1) Tested with 30 Ohm gate resistor.
2) S.C.L. = Single Carrier Level.
3) Overall Rth depends on case mounting.
MAXIMUM RATING AT 25C1,2
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 15 -5 37.5dBm 175 C -65 to +175 C 71.5W
o o
CONTINUOUS2 10V -4V @ 3dB Compression 175 oC -65 to +175 oC 71.5W
Vds Vgs Pin Tch Tstg Pt
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 2 Revision A1
EIC1213-12
ISSUED 3-19-09
12.75-13.25 GHz 12-Watt Internally Matched Power FET
PACKAGE OUTLINE
Dimensions in inches, Tolerance + .005 unless otherwise specified
Excelics
EIC1213-12
YYWW SN
DISCLAIMER EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN. LIFE SUPPORT POLICY EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR, INC. AS HERE IN: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 2 of 2 Revision A1


▲Up To Search▲   

 
Price & Availability of EIC1213-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X