|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
COMPONENTS PRODUCT INFORMATION NEW HDMI Standard Digital Interface Connector CONNECTOR MB-0121-2 August 2008 DC1 Series RoHSCompliant Recently, the market for digital consumer devices such as LCD TVs, PDP TVs, and DVD players has been rapidly growing along with the progress of digital highdefinition television broadcasting. The DC1 Series is a connector created specifically for use with the HDMI standard, a next generation digital interface standard for digital consumer devices. *HDMI, the HDMI Logo and High-Definition Multimedia Interface are trademarks or registered trademarks of HDMI Licensing LLC. Features 0.1mm pitch, compact connector Impedance-matching design for high-speed transmission Grounding structure for excellent EMI control Friction lock for easy insertion and removal of connector Receptacle connector available in surface mount type and through-hole mount type Applicable Markets Digital television, LCD projector, Set-top box, DVD player, Blu-ray Disk recorder, etc. General Specifications No. of contacts: 19 pos. Dielectric withstanding voltage : AC 500V rms Contact resistance: 30m ohm max. Operating temperature: -20 Deg. C to +85 Deg. C Rated voltage: 0.5A max. Insulation resistance: 100M ohm min. Impedance: 100 ohm 15% JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 1/9 MB-0121-2 Materials and Finishes Receptacle Component Insulator Contact Shell Material/ Finish Heat resistant plastic Copper alloy/ Au plating over Ni Copper alloy/ Sn plating Plug (for Cable harness) Component Insulator Contact Shell Hood Material/ Finish Heat resistant plastic Copper alloy/ Au plating over Ni Copper alloy/ Sn plating PVC/ Color: Black (UL94V-0) Ordering Information *Receptacle DC1 R 019 Series Receptacle side No. of Contacts: 19 pos. Terminal J: SMT Angle type W: SMT Straight type * B * E400Note1 E400: Emboss product 400pcs./ reel Modification code Plating B: Au plating Note 1 Please contact us concerning through-hole type. Embossed reel is compatible with DC1R019JB1 only. *HDMI-HDMI Cable harness DC1P 019 S T3Note 2 **** B Series Color B: Black Cable length(cm) 0150: 150cm 0200: 200cm 0300: 300cm 0500: 500cm Applicable cable: T3: Twinax cable AWG30 T8: Twinax cable AWG28 Note 2 Cable specification T3 is 150cm, 200cm, 300cm. T8 is 500cm. JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. No. of Contacts: 19 pos. Wiring S: Single link 2/9 MB-0121-2 *HDMI-DVI Cable harness DC1DV2 S S T3Note 3 **** B Series Color B: Black Cable length(cm) 0150: 150cm 0200: 200cm 0300: 300cm 0500: 500cm Applicable cable: T3: Twinax cable AWG30 T8: Twinax cable AWG28 No. of Contacts S: 19pos. Wiring S: Single link Note 3 Cable specification T3 is 150cm, 200cm, 300cm. T8 is 500cm. JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 3/9 MB-0121-2 Dimensions and Shape Angle Receptacle *DC1R019JB1 (SMT, without flange) JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 4/9 MB-0121-2 *DC1R019JBA (SMT angle , with flange) JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 5/9 MB-0121-2 Straight receptacle *DC1R019WBA Applicable board dimension JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 6/9 MB-0121-2 Applicable board dimensions (for reference) *DC1R019JB1, JBA *DC1R019WBA JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 7/9 MB-0121-2 HDMI-HDMI Cable Harness *DC1P019ST3****B HDMI-DV1 Cable Harness *DC1DV2SST3****B Applicable board dimension JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 8/9 MB-0121-2 Drawing Number Receptacle Connection Angle SMT Mounting Flange Yes Yes Yes Part Number DC1R019JB1 DC1R019JBA DC1R019WBA SJ Drawing SJ104932 SJ104936 SJ106085 JACS-3289 Specification Straight SMT Cable Harness Harness HDMI-HDMI Part Number DC1P019ST3****B DC1P019ST8****B HDMI-DVI DC1DV2SST3****B DC1DV2SST8****B SJ Drawing SJ038524 JACS-3289 SJ100180 SJ038860 JACS-4037 SJ100181 Specification Cable Harness *DC1 Series Connector, Cable Handling Instruction--------JAHL-3289 Notice: Products shown in this leaflet are made for the applications listed below. However, if the above-mentioned products are to be used in aerospace devices, marine cable-connection devices, atomic power control systems, medical equipment for life-support systems, or any other specific application requiring extremely high reliability, please contact JAE for further information. Recommended applications: computers, office machines, measuring devices, telecommunication devices (terminals, mobile devices), AV devices, household applications, FA devices, etc. Japan Aviation Electronics Industry, Limited Product Marketing Division Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539 Phone: +81-3-3780-2787 FAX: +81-3-3780-2946 * The specifications in this brochure are subject to change without notice. Please contact JAE for information. JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd. 9/9 |
Price & Availability of DCR019JBE400 |