Part Number Hot Search : 
78L08 2RS2H2SG 01909 M3135 MOF0932 E1215 50150 ADV7177
Product Description
Full Text Search
 

To Download DB107S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT BRIDGE
DB101S THRU DB107S DF005S THRU DB10S
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
DFS
Glass passivated chip junction Ideal for surface mounted applications Low leakage High forward surge current capability High temperature soldering guaranteed: 260/10 seconds at terminals
0.205 (5.2) 0.195 (5.0)
0.404 (10.3) 0.386 (9.80) 0.255 (6.5) 0.245 (6.2)
-
+
0.047 (1.20) 0.040 (1.02)
-
0.060 (1.524) 0.040 (1.016) 0.013 (0.330) 0.003 (0.076)
0.013 (0.330) 0.009 (0.241)
MECHANICAL DATA
* * * * *
Case: Molded plastic body Epoxy: UL94V-0 rate flame retardant Polarity: Molded on body LeadP: Plated terminals solderable per MIL-STD-202E method 208C Weight: 0.04 ounce, 1.0 gram
0.335 (8.51) 0.320 (8.13)
45
O
.135 (3.4) .115 (2.9)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25 ambient temperature unless otherwise specified * Single Phase, half wave, 60Hz, resistive or inductive load * For capacitive load derate current by 20% DB102S SYMBOLS DB101S DF005S DF01S Maximum Reverse Peak Repetitive Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Output Current, 0.06"(1.5mm) lead length at T A=40 (Note 2) Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage drop Per Bridge element 1.0A TA=25 Maximum Reverse Current at rated DC blocking voltage per element TA=125 Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) Operating and Storage Temperature Range
DB103S DF02S
DB104S DF04S
DB105S DF06S
DB106S DF08S
DB107S DF10S
200 140 200
400 280 400 1.0 50 10 1.1 5 0.5 25 40 (-55 to +150)
600 420 600
800 560 800
1000 700 1000
UNIT Volts Volts Volts Amps Amps A2s Volts
Amps mAmps /W
I(AV) IFSM I2 t VF IR CJ RJA TJ ,TSTG
VAC
Notes: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on P.C.B. with 0.51"x0.51" ( 13x13mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SURFACE MOUNT BRIDGE
DB101S THRU DB107S DF005S THRU DB10S
RATINGS AND CHARACTERISTIC CURVES
FIG. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
1.2 70 60 50 40 30 20 10 0
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
DF10S DF005S THRU DB101S DB107S
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER ELEMENT
AVERAGE FORWARD OUTPUT, CURRENT,(A)
PEAK FORWARD SURGE, CURRENT,(A)
1.0 0.8 0.6 0.4 0.2 0
Tj =T j max Single Half Sine-Wave (JEDEC Method)
Single Phase Half Wave 60Hz Resistive or Inductive Load
1 CYCLE
1 2 4 6 8 10 20 40 60 80 100
0
25
40 50
75
100
125
150
175
AMBIENT TEMPERATURE, FIG. 3- TYPICAL FORWORD CHARACTERISTICS PER BRIDGE ELEMENT
20
NUMBER OF CYCLES AT 60 Hz FIG. 4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT, (A)
10
INSTANTANEOUS REVERSE CURRENT, (A)
1.0
10
Tj =125
1.0
0.1
Tj =25 PULSE WIDTH=300s 1% DUTY CYCLE
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG. 5- TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
0.1
Tj =25
100
0.01
JUNCTION CAPACITANCE,(pF)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
10
T j =25 f=1MHz Vsig=50mVp-p
1 0.1
1.0
10
100
REVRESE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of DB107S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X