Part Number Hot Search : 
1N3519A P6KE20 DTC143XK P3100SAA SBR5100 CSA1220 ADM212 G527520
Product Description
Full Text Search
 

To Download CT646CYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors - Shielded
ctparts.com
CT646CYF Series
From 1.0 H to 1000 H
Not shown at actual size.
SPECIFICATIONS
Part numbers are marked to indicate tolerance available. M = 20% * Maximum allowable DC current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 20C). Part Number CT646CYF-1R0M CT646CYF-1R2M CT646CYF-1R5M CT646CYF-2R2M CT646CYF-3R3M CT646CYF-4R7M CT646CYF-5R6M CT646CYF-6R8M CT646CYF-8R2M CT646CYF-100M CT646CYF-120M CT646CYF-150M CT646CYF-180M CT646CYF-220M CT646CYF-270M CT646CYF-330M CT646CYF-390M CT646CYF-470M CT646CYF-560M CT646CYF-680M CT646CYF-820M CT646CYF-101M CT646CYF-121M CT646CYF-151M CT646CYF-181M CT646CYF-221M CT646CYF-271M CT646CYF-331M CT646CYF-391M CT646CYF-471M CT646CYF-561M CT646CYF-681M CT646CYF-821M CT646CYF-102M Inductance (H) 1.0 1.2 1.5 2.2 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR Max. () 0.023 0.025 0.027 0.030 0.035 0.041 0.044 0.047 0.048 0.050 0.070 0.080 0.090 0.110 0.150 0.170 0.180 0.200 0.280 0.320 0.350 0.400 0.440 0.730 0.780 0.940 1.250 1.400 1.520 1.700 2.390 2.500 3.000 4.100 *Rated DC (A) 2.88 2.85 2.61 2.46 2.28 2.08 2.00 1.94 1.80 1.68 1.54 1.39 1.26 1.13 1.02 0.84 0.80 0.76 0.64 0.60 0.57 0.50 0.47 0.40 0.39 0.33 0.31 0.27 0.27 0.25 0.22 0.20 0.18 0.17
Compliant
RoHS
CHARACTERISTICS
Description: SMD (shielded) power inductor Applications: Ideal for a variety of DC/DC converter applications and low profile use Operating Temperature: -30C to +100C Inductance Tolerance: 20% Testing: Inductance is tested on an HP4285A at 100 kHz Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant. Magnetically shielded Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 7.4 0.29
B
Max. 7.4 0.29
C
Max. 5.5 0.22
D
2.00.2 0.080.008
E
Max. 5.4 0.21
PAD LAYOUT
Unit: mm 3.0 2.0 4.4
07.30.08
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT646CYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X