Part Number Hot Search : 
AS7C3 PE5513 BSERIES BSERIES NTE123 BL1062A1 A0201 HD74H
Product Description
Full Text Search
 

To Download CRO2535A-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRO2535A-LF
PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1
Applications * Test Equipments * Fixed Wireless Access * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 2500
Typ -110 -25
Max 2560
Units MHz dBc/Hz dBc
0.5 30 4 6.5 50
4.5 9 50 1 1
Vdc MHz/V dBm pF MHz/V MHz C
-40 MINI-16 Min Typ 5 24
85
Max 29
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
2580
CRO2535A-LF
Rev A1
FREQUENCY (MHz)
2560 2540 2520 2500 2480 2460 2440 2420 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
85 C 25 C -40 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
9 8 7 6 5 4 3 2435
POWER OUTPUT (dBm)
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
2452
2467
2482
2497
2512
2527
2542
2556
2568
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085
Z-COMM XXXXXXXX-LF W/O# D/C
PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of CRO2535A-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X