Part Number Hot Search : 
1212E LTC4401 1212E UC3846 FDZ4670 NTE2510 FDY300NZ PQ600
Product Description
Full Text Search
 

To Download CON-P42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
P cores and accessories
MOUNTING PARTS General data and ordering information ITEM Tag plate REMARKS material: phenolformaldehyde (PF), glass reinforced flame retardant: in accordance with "UL 94V-0"; UL file number E41429 maximum operating temperature: 180 C, "IEC 60085" , class H pins: copper-tin alloy (CuSn), tin (Sn) plated resistance to soldering heat in accordance with "IEC 60068-2-20" , Part 2, Test Tb, method 1B: 350 C, 3.5 s solderability in accordance with "IEC 60068-2-20", Part 2, Test Ta, method 1: 235 C, 2 s Container Spring copper-zinc alloy (CuZn), tin (Sn) plated earth pins: presoldered CrNi-steel spring force: 350 N when mounted 5 4 FIGURE 3
P42/29
TYPE NUMBER TGP-P42/29-C
CON-P42/29 SPR-P42/29
handbook, full pagewidth
31 15.24 10.16 2.2 2.1
2.54
20.32 15.24 5.08
5.5
8.4 0.8
mark 44.8 max.
6
1.3 +0.15 0
CBW606
Dimensions in mm.
Fig.3 Tag plate: TGP-P42/29-C.
2004 Sep 01
5
Ferroxcube
P cores and accessories
P42/29
handbook, full pagewidth
10 8.2 1
44.4 0.6 mark
5 9
Dimensions in mm.
40.45 min. 32.1 max. 44.9 max.
CBW432
Fig.4 P42/29 container.
handbook, halfpage
2.3
+0.5 0
42 max
MGC149
Dimensions in mm.
Fig.5 P42/29 spring.
2004 Sep 01
6


▲Up To Search▲   

 
Price & Availability of CON-P42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X