Part Number Hot Search : 
P0080EA G132I SAA5521 090814 MM3Z20 TK15324 4ADR2 63812
Product Description
Full Text Search
 

To Download CON-P36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
P cores and accessories
MOUNTING PARTS General data and ordering information ITEM Tag plate REMARKS material: phenolformaldehyde (PF), glass reinforced flame retardant: in accordance with "UL 94V-0" ; UL file number E41429 maximum operating temperature: 180 C, "IEC 60085" , class H pins: copper-tin alloy (CuSn), tin (Sn) plated resistance to soldering heat in accordance with "IEC 60 068-2-20", Part 2, Test Tb, method 1B: 350 C, 3.5 s solderability in accordance with "IEC 60068-2-20", Part 2, Test Ta, method 1: 235 C, 2 s Container Spring copper-zinc alloy (CuZn), tin (Sn) plated earth pins: presoldered CrNi-steel spring force: 350 N when mounted 5 4 FIGURE 3
P36/22
TYPE NUMBER TGP-P36/22-C
CON-P36/22 SPR-P36/22
handbook, full pagewidth
25 15.24 10.16 2.2 2.1
2.54
20.32 15.24 5.08
5.0
8.4 0.8
mark 37.9 max.
6
1.3 +0.15 0
CBW605
Dimensions in mm.
Fig.3 Tag plate: TGP-P36/22-C.
2004 Sep 01
5
Ferroxcube
P cores and accessories
P36/22
handbook, full pagewidth
10 8.2 1
0.6 mark
5 9
Dimensions in mm.
33.75 min. 24.5 max. 38.2 max.
CBW430
Fig.4 P36/22 container.
handbook, halfpage
0.3 2.3 0
34.7 max
MGC144
Dimensions in mm.
Fig.5 P36/22 spring.
2004 Sep 01
6
Ferroxcube
P cores and accessories
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
P36/22
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2004 Sep 01
7


▲Up To Search▲   

 
Price & Availability of CON-P36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X