Part Number Hot Search : 
ON1868 SMCJ1 APC77130 D74ALVC SP601 BR604 AM9926N TEH7211
Product Description
Full Text Search
 

To Download CON-P22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
P cores and accessories
MOUNTING PARTS General data and ordering information ITEM Tag plate REMARKS material: phenolformaldehyde (PF), glass reinforced flame retardant: in accordance with "UL 94V-0" ; UL file number E41429 maximum operating temperature: 180 C, "IEC 60085", class H pins: copper-tin alloy (CuSn), tin (Sn) plated resistance to soldering heat in accordance with "IEC 60 068-2-20", Part 2, Test Tb, method 1B: 350 C, 3.5 s solderability in accordance with "IEC 60068-2-20", Part 2, Test Ta, method 1: 235 C, 2 s Container Spring Clamp Washer copper-zinc alloy (CuZn), tin (Sn) plated earth pins: presoldered CrNi-steel spring force: 140 N when mounted spring steel, tin-plated phenolformaldehyde (PF) 8 9 7 6 FIGURE 5
P22/13
TYPE NUMBER TGP-P22/13-C
CON-P22/13 SPR-P22/13 CLM/TS-P22/13 WAS-CLM/TS-P22/13
15 10.16 5.08 1.5 2.1
2.54
10.16 5.08
4.5
5.8 0.8
0.15 1.3 0
mark 23.2 max.
6
CBW604
Dimensions in mm.
Fig.5 Tag plate: TGP-P22/13-C.
2004 Sep 01
7
Ferroxcube
P cores and accessories
P22/13
andbook, full pagewidth
10 8.2
mark
0.6 5 8 15.6 max. 1 20.2 min. 23.3 max.
CBW424
Dimensions in mm.
Fig.6 Container: CON-P22/13.
handbook, halfpage
0.3 1.4 0
20.5 max
MGC132
Dimensions in mm.
Fig.7 Spring: SPR-P22/13.
2004 Sep 01
8
Ferroxcube
P cores and accessories
P22/13
handbook, halfpage
33 28 8
handbook, halfpage
14
20
3.2
9.5 8.2
22 0.25 13.5 15.1 21
MBG175
MBE672
Dimensions in mm.
Dimensions in mm.
Fig.8 Clamp: CLM/S-P22/13.
Fig.9 Washer: WAS-CLM/TS-P22/13.
2004 Sep 01
9


▲Up To Search▲   

 
Price & Availability of CON-P22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X