Part Number Hot Search : 
2405S HPLW110 CB621 TP120 MIW2333 BZV55B68 A6506 5012A
Product Description
Full Text Search
 

To Download CON-P18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
P cores and accessories
MOUNTING PARTS General data for mounting parts ITEM Tag plate REMARKS material: phenolformaldehyde (PF), glass reinforced flame retardant: in accordance with "UL 94V-0" ; UL file number E41429 maximum operating temperature: 180 C, "IEC 60085", class H pins: copper-tin alloy (CuSn), tin (Sn) plated resistance to soldering heat in accordance with "IEC 60 068-2-20", Part 2, Test Tb, method 1B: 350 C, 3.5 s solderability in accordance with "IEC 60068-2-20" , Part 2, Test Ta, method 1: 235 C, 2 s Container Spring Clamp Washer copper-zinc alloy (CuZn), tin (Sn) plated earth pins: presoldered CrNi-steel spring force: 100 N when mounted spring steel, tin-plated phenolformaldehyde (PF) 8 9 7 6 FIGURE 5
P18/11
TYPE NUMBER TGP-P18/11-C
CON-P18/11 SPR-P18/11 CLM/TP-P18/11 WAS-CLM/TP-P18/11
13 10.16 5.08 1.5 2.1 2.54
10.16 5.08
4
O 4.8 O 0.8
mark 19.7 max
6 0.15 1.3 0
MGC161
Dimensions in mm.
Fig.5 Tag plate: TGP-P18/11-C.
2004 Sep 01
7
Ferroxcube
P cores and accessories
P18/11
10
handbook, full pagewidth
8.2
mark
0.6 5 8 12.7 max. 19.9 max.
CBW423
1 16.55 min.
Dimensions in mm.
Fig.6 Container: CON-P18/11.
handbook, halfpage
0.3 1.4 0
17.3 max
MGC163
Dimensions in mm.
Fig.7 Spring: SPR-P18/11.
2004 Sep 01
8
Ferroxcube
P cores and accessories
P18/11
handbook, halfpage handbook, halfpage
9.1 16.8 9.27 0.05 16.5 4 0.46 0.13 17.5 0.25
MGB605
11.7
18.3
MBE683
Dimensions in mm.
Dimensions in mm.
Fig.8 Clamp: CLM/TP-P18/11.
Fig.9 Washer: WAS-CLM/TP-P18/11.
2004 Sep 01
9


▲Up To Search▲   

 
Price & Availability of CON-P18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X