|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CLJ-2 Series * Miniature SMD Common Mode Double Chokes Features * Miniature, low cost SMD for pick and place compatability while providing consistent and reliable coplanarity * Other inductance values, higher current ratings and special types for operation at 150C ambient are available upon request * High attenuation over a wide frequency range - CAN bus types to 500MHz * Available in Bifilar and Sector (Suffix S) winding * Materials: UL94-VO * Manufactured in an ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility * Fully RoHS compliant and meets lead free reflow level J-STD-020C Electrical Specifications @ 25C Nominal Voltage: 42Vac (50/60Hz), 80Vdc Operating Temperature: -25 to +85C Storage Temperature: -40 to +125C Climatic category: according to IEC68-1 25/85/56 Test voltage between windings: 500 Vrms Part Number OCL (H) +50/-30% 6 25 51 5 11 25 51 100 470 1000 2200 4700 10000 20000 47000 IN (mA) 2500 800 800 1200 500 500 500 500 500 500 400 200 200 140 100 LL (H) 0.40 0.95 2.00 0.05 0.05 0.08 0.10 0.11 0.10 0.16 0.12 0.19 0.36 1.00 1.00 Test frequency Nominal Inductance: measured @ 100kHz/20 mVrms Leakage Inductance: measured @ 100kHz, 100mVrms Test Equipment: HP4192A Weight: ~ 0.3 gram Packaging: Tape & Reel RCU (mOhms) 70 110 160 56 80 110 148 315 290 275 345 940 1400 1800 3900 VT (Vrms) 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 Number of Data Lines 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 Sector Winding for CAN bus and similiar applications CLJ-2-060S CLJ-2-250S CLJ-2-510S CLJ-2-050 CLJ-2-110 CLJ-2-250 CLJ-2-510 CLJ-2-101 CLJ-2-471 CLJ-2-102 CLJ-2-222 CLJ-2-472 CLJ-2-103 CLJ-2-203 CLJ-2-473 Bifilar Winding for Data and Signal Lines Dimensions CLJ2-XXX Wk/Yr 0.350 0.287 (8.90) (7.30) 0.100 (2.54) Suggested Pad Layout 0.394 (10.00) 0.213 (5.40) 0.039 (1.00) Bifilar Winding Sector (CLJ-2-XXXS) Winding Schematic 1 2 4 3 0.213 (5.40) 0.100 (2.54) 0.185 0.146 (4.70) (3.70) 0.020 x 0.012 (0.50 x 0.30) Surface Coplanarity will be 0.004(0.10) maximum Dimensions: Inches (Millimeters) Tolerance: 0.010 (0.25) unless specified otherwise See following page for typical impedance curves THE TALEMA GROUP * Magnetic Components for ISDN / xDSL / LAN Data Communications CLJ-2 Series * Impedance Performance Impedance Performance CLJ-2 Series Double Chokes with Sector Winding 10,000 Impedance in Ohms 1,000 100 10 1 100 1,000 10,000 Frequency in kHz 100,000 1,000,000 2 x 6H 2 x 25H 2 x 51H Impedance Performance CLJ-2 Series Double Chokes with Bifilar Winding 100,000 Impedance in Ohms 10,000 1,000 100 10 10 100 1000 Frequency in kHz 10000 100000 2x5H 2x1.0mH 2x11H 2x2.2mH 2x25H 2x4.7mH 2x51H 2x10mH 2x100H 2x20mH 2x470H 2x47mH Sales & Marketing, Design and Manufacturing Facilities http://www.talema-nuvotem.com Eastern Europe & Czech Republic NT MAGNETICS s.r.o. Chebska 27 322 00 Plzen Tel: Int. + 420 377 - 338 351 Fax: Int. + 420 377 - 338 350 Email: talema@talema.cz Web Site: www.ntmagnetics.cz Germany TALEMA ELEKTRONIK GMBH Sembdnerstr. 5, Postfach 2523 82110 Germering Tel: Int. + 49 89 - 841 00 - 0 Fax: Int. + 49 89 - 841 00 25 Email: info@talema.de Ireland NUVOTEM TEO. Crolly Co. Donegal Tel: Int. + 353 74 - 954 8666 Fax: Int. + 353 74 - 954 8139 Email: info@nuvotem.com India TALEMA ELECTRONIC PVT. LTD. Opposite the SIDCO Industrial Estate Gins Towers 4/5S.H/1, Omalur Main Road Salem - 636 004, Tamil Nadu Tel: Int. + 91 427 - 244 1325 Fax: Int. + 91 427 - 243 0034 E-mail: talema@talemaindia.com Web Site: www.talemaindia.com THE TALEMA GROUP * Magnetic Components for Universal Applications (02-08) CLJ-2 Series |
Price & Availability of CLJ-2-222 |