Part Number Hot Search : 
AX88790L TC372 2SK150 C18F25 FF450 54000 STA001 54000
Product Description
Full Text Search
 

To Download CDP8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CDP8
Description
The Gamewell-FCI CDP8 Constant-Duty Power Supply is a regulated, power-limited, 24 VDC, 8.0 amp. power supply which can be used anywhere a constant 24 VDC source is required. The CDP8 is suited and UL-Listed for fire alarm, access control, and general power supply applications. The Gamewell-FCI CDP8 provides four (4) power-limited, 24 VDC, 3.0 amp. outputs. Each output can be individually configured to shed its load (turn off) during a power failure to extend available standby battery power for designated critical circuits. Each output circuit is monitored for overload or shorted conditions, with the trouble condition indicated by a specific circuit trouble LED and activation of the common trouble relay. Overloaded circuits will automatically restore when the overload is removed.
Constant-Duty Power Supply
Engineer's Specifications
The power supply shall provide four (4) output circuits capable of up to 3.0 amp. continuous 24 VDC each to a maximum of 8.0 amps. total. The output voltage shall be regulated and power-limited. Each output circuit shall be configurable to shed its load with the loss of the primary AC source. The Constant-Duty Power Supply shall include an internal battery charger with charging capacity of 26 AH. It shall also be operational from an externally charged battery. Operational troubles shall be indicated by seven LEDs and a common trouble Form-C relay. The supply shall also have a delayed AC Fail relay. The Constant-Duty Power Supply shall be Gamewell-FCI, model CDP8.
CDP8
Features
* * * * * * * * * * * Four (4) configurable monitored outputs 8.0 A, 24 VDC, fully regulated full-load output (power-limited) Seven (7) trouble and status LEDs Common trouble Form-C relay Isolated AC Fail Form-C relay Selectable AC Fail notification relay Ground fault detection 26.0 A battery-charger capability Selectable internal battery charger disable Selectable internal ground fault detection disable Selectable load shedding on AC Fail per output
Specifications
Primary Input Power: 120 VAC, 50/60 Hz, 3.5 A or 220 V, 1.9 A, jumper-selectable. Secondary Power: 24-volt: two 7 - 26 AH batteries Battery Charging Up to 26 AH batteries Capacity: Total Output Power: 8.0 A maximum Standby Current: 0.03 A Output Ratings: 24 VDC fully regulated, 3.0 A maximum per circuit, 8.0 A total Cabinet Dimensions: 18.0" H x 12.5" W x 4.5" D (45.72 H x 31.75 W x 11.43 D cm)
An ISO 9000-2000 Company
SIGNALING
S8240 7315-1288:163
GAMEWELL-FCI
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. www.gamewell-fci.com CS-2283 Rev. a page 1 of 2 (c)2007 by Honeywell International Inc. All rights reserved.
12 Clintonville Road, Northford, CT 06472-1610 USA * Tel: (203) 484-7161 * Fax: (203) 484-7118
Specifications (Continued)
Cabinet Battery Space: Up to two 12 AH batteries (maximum) inside cabinet. Larger batteries require a separate battery cabinet. Relative Humidity: 10 - 93% non-condensing Temperature Rating: 32F - 120F (0C - 49C) Common Trouble 2A/30 VDC or 120 VAC Relay: AC Fail Relay: 2A/30 VDC or 120 VAC
Ordering Information
Part Number Description
CDP8 BAT-1270 BAT-12120 30069 24 VDC, 8.0 amp. power supply with integral battery charger Battery, 12 VDC, 7 AH (two required for 24 V operation) Battery, 12 VDC, 12 AH (two required for 24 V operation) Power supervision end-of-line relay, 24VDC
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA * Tel: (203) 484-7161 * Fax: (203) 484-7118 CS-2283 Rev. a page 2 of 2 www.gamewell-fci.com


▲Up To Search▲   

 
Price & Availability of CDP8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X