Part Number Hot Search : 
14D331K C1417 CHUMA8PT CP106 MPSR120 E001056 Z86K17 M62464AE
Product Description
Full Text Search
 

To Download BTB1197N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Low Saturation PNP Epitaxial Planar Transistor
Spec. No. : C314N3 Issued Date : 2005.04.20 Revised Date : Page No. : 1/ 5
BTB1197N3
Description
The BTB1197N3 is designed with high current gain and low saturation voltage with collector current up to 1A continuous.
Features
* Low VCE(SAT) , VCE(SAT) -0.3V (IC / IB=-1A/-100mA) * Large collector current, IC=-1A * Complementary to BTD1781N3. * Pb-free package
Symbol
BTB1197N3
Outline
SOT-23
BBase CCollector EEmitter
BTB1197N3
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Power Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP Pd RJA Tj Tstg
Spec. No. : C314N3 Issued Date : 2005.04.20 Revised Date : Page No. : 2/ 5
Limits -50 -32 -5 -1 -2 310 (Note 1) 500 (Note 2) 403 (Note 1) 250 (Note 2) -55~+150 -55~+150
Unit V V V A mW C/W C C
Note: 1.Device mounted on FR-4 PCB with minimum pad 2.Device mounted on FR-4 PCB with area of 4.5"x5", mounting pad 0.02 in of 2 oz copper
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) 1 *VCE(sat) 2 *VCE(sat) 3 *VBE(sat) *VBE(on) *hFE 1 *hFE 2 *hFE 3 *hFE 4 fT Cob Min. -40 -32 -5 180 100 80 30 100 Typ. 200 12 Max. -100 -100 -0.25 -0.30 -0.65 -1.2 -1.1 420 25 Unit V V V nA nA V V V V V MHz pF Test Conditions IC=-50A IC=-1mA IE=-50A VCB=-30V VEB=-4V IC=-500mA, IB=-50mA IC=-1A, IB=-100mA IC=-2A, IB=-200mA IC=-1A, IB=-100mA VCE=-2V, IC=-1A VCE=-3V, IC=-100mA VCE=-2V, IC=-500mA VCE=-2V, IC=-1A VCE=-2V, IC=-2A VCE=-5V, IC=-50mA, f=100MHz VCB=-10V, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
BTB1197N3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
VCE = 2V
Spec. No. : C314N3 Issued Date : 2005.04.20 Revised Date : Page No. : 3/ 5
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV)
Current Gain---HFE
1000
VCE(SAT) @ IC=100IB
100
VCE = 1V
100
VCE(SAT) @ IC=10IB
10 1 10 100 1000 Collector Current---IC(mA) 10000
10 1 10 100 1000 Collector Current---IC(mA) 10000
Saturation Voltage vs Collector Current
10000
Saturation Voltage---(mV)
On Voltage vs Collector Current
1000
VBE(SAT) @ IC=10IB
1000
On Voltage---(mV)
VBE(ON) @ VCE=1V
100 1 10 100 1000 Collector Current---IC(mA) 10000
100 1 10 100 1000 Collector Current---IC(mA) 10000
Power Derating Curves
500 Power Dissipation---PD(mW)
See Note 2 on page 1
400
See Note 1 on page 1
300 200 100 0 0 50 100 150 Ambient Temperature---TA() 200
BTB1197N3
CYStek Product Specification
CYStech Electronics Corp.
Reel Dimension
Spec. No. : C314N3 Issued Date : 2005.04.20 Revised Date : Page No. : 4/ 5
Carrier Tape Dimension
BTB1197N3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
A L 3 B 1 2 S
Spec. No. : C314N3 Issued Date : 2005.04.20 Revised Date : Page No. : 5/ 5
Marking:
TE AH
V
G
3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style: Pin 1.Base 2.Emitter 3.Collector
C D K
H
J
*: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTB1197N3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTB1197N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X