Part Number Hot Search : 
CS5102 C3467 00118 016M48RL N5400 A1305 XMXXX 2SC36
Product Description
Full Text Search
 

To Download BDJ0700HFV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small and high accuracy Temperature Sensor IC Series High Accuracy detection
Thermostat Output Temperature Sensor ICs with Power Down Function
BDJ0HFV Series
No.09047EAT05
Description BDJ0HFV series is thermostat output temperature sensor IC with built-in temperature detection element,constant current circuit,high-accuracy reference voltage source in one chip.Temperature detection can be realized at 2.5 accuracy without complicated design.It is the best temperature sensor IC for a portable equipment of micro and low current,the power down function, and the battery drive.It is possible to use it for a wide usage such as the heat detection and temperature monitors because it provides with the analog output in addition to the thermostat power output. BDJ0HFV series has 8 types of model at 5 intervals from +55 to +90 temperature range.
Features 1) Detection Temperature Range 5590 by 5 Step 8 products. 2) Power supply Voltage range 2.45.5V. 3) High Accuracy thermostat ( typ.1.0, max.2.5 @Ta=5590 ) 4) High Accuracy Analog Output ( typ.1.0, max.2.5 @Ta=-30100 ) 5) Analog Output Temperature Sensitivity ( typ. -8.2mV/ ) 6) Low Supply Current ( typ. 7.5A ) 7) Power down control function built in.(PD interface Voltage min 1.5V) 8) Small Package ( typ. 1.60mmx1.60mmx0.60mm ) 9) Low thermal resistance package ( typ. 187/W ) 10) ESD Rating 8kV ( HBM ) Applications Cell phone, Digital Camera,Thermal Protection for Electrical Equipment (NoteBook PC, FPD-TV, etc.) Line up matrix Product Name BDJ0900HFV BDJ0850HFV BDJ0800HFV BDJ0750HFV Detect Temp. 90 85 80 75 OS Output Format Open Drain Open Drain Open Drain Open Drain Active L Active L Active L Active L Product Name BDJ0700HFV BDJ0650HFV BDJ0600HFV BDJ0550HFV Detect Temp. 70 65 60 55 Marking fd fe ff fg Marking OS Output Format Open Drain Open Drain Open Drain Open Drain Active L Active L Active L Active L
fh fk fm fn
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
1/9
2009.08 - Rev.A
BDJ0HFV Series
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 ) PARAMETERS SYMBOL Power Supply Voltage VDD Input Voltage ( PD ) VIN OS terminal Voltage VOS OS terminal Current IOS Power dissipation Pd Storage Temperature Range Tstg
Technical Note
LIMIT -0.3 to 7.0*1 -0.3 to VDD+0.3 -0.3 to 7.0*1 5.0 536*2 -55 to 150
UNIT V V V mA mW
*1. Not to exceed Pd *2. Reduced by 5.36mW for each increase in Ta of 1 over 25 mounted on 70mmx70mmx1.6mm Glass-epoxy PCB
RECOMMENDED OPERATING CONDITION PARAMETERS SYMBOL Power Supply Voltage VDD Operating Temperature Range Topr
MIN. 2.4 -30
TYP. 2.8 -
MAX. 5.5 100
UNIT V
ELECTRICAL CHARACTERISTICS ( unless otherwise specified, VDD = 2.8V, Ta = 25 )
PARAMETER Supply Current Normal function mode Power Down mode PD Input L Voltage Input H Voltage PD Leakage Current Analog Output VTemp Output Voltage VTemp Temperature Sensitivity VTemp Load Regulation Vtemp VDD Regulation OS Output Open Drain OS Leakage Current OS Output Voltage Radiation hardiness is not designed.
SYMBOL IDD IDDPD VIL VIH ILPD Vtemp VSE VtempRL
VtempVDD
MIN. GND 1.5 1.279 -8.00 -
LIMIT TYP. 7.5 0.3 -
MAX. 12.0 1.0 0.2 VDD 1.0 1.321 -8.40 1.0 4.0 1.0 0.4
UNIT
A A
CONDITIONS PD="H" PD="L"
V V
A
PD=2.8V Ta = 30 Ta = -30 to 100 difference of IOUT : 0A / 2A VDD=2.45.5V VOS =5.0V IOS = 1.0mA
1.300 -8.20 -
V mV/ mV mV
A
IL VOL
V
TEMPERATURE ACCURACY ( unless otherwise specified, VDD = 2.8V )
PARAMETER Thermostat Sensing Temperature Accuracy Sensing Temperature Hysteresis Analog Output Vtemp Temperature Accuracy
SYMBOL Tacc Thys Ttemp
MIN. 7.5 -
LIMIT TYP. 10.0
MAX. 2.5 12.5 2.5
UNIT
CONDITIONS
1.0
1.0
VDD = 2.8V Ta = -30 to 100
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
2/9
2009.08 - Rev.A
BDJ0HFV Series
Block Diagram Vtemp
GND 1 IRef 5 VRef TEMP SENSOR PD 3 PD 4 OS VDD
Technical Note
2
PIN DESCRIPTION
PIN NO. 1 2 3 4 5
PIN NAME Vtemp GND PD OS VDD
FUNCTION Output voltage in inverse proportion to the temperature ( TYP. -8.20mV/ ) GROUND PD control H : Normal function mode L : Power Down mode Digital thermostat output POWER SUPPLY
COMMENT Set the OPEN state or connect high impedance input node.(over 10M "H" Thermostat and Analog output operation. "L" Power Down state. Open Drain Active L. Use the pull-up resistor more than 10k.
EQUIVALENT CIRCUIT PD VDD OS OS
PD GND GND Vtemp VDD Vtemp
Use the pull-up resistor more than 10k.
GND
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
3/9
2009.08 - Rev.A
BDJ0HFV Series
PACKAGE OUTLINES ( HVSOF5 ) MARKING
Technical Note
Lot No.
HVSOF5(UNIT:mm)
Block Diagram
Please adjust Capacitor by the noise condition of the set.
Vtemp
1 IRef
VDD 5 VRef
+ -
1F
Please adjust bypass Capacitor by the noise condition of the set.
0.1F
GND 2 PD 3 PD
TEMP SENSOR
OS 4
Please pull-up over 10kfor OS output terminal.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
4/9
2009.08 - Rev.A
BDJ0HFV Series
Reference Data
Technical Note
15
2.0
Ta=30C
1.5
Ta=30C
10 IDD [A]
Vtemp [V] 1.0
PD="H"
5
0.5
PD="L"
0 0 1 2 3 4 5 6 7 VDD [V]
0.0 0 1 2 3 4 VDD [V] 5 6 7
Fig1. Supply Current(IDD) vs. Supply Voltage
2.0
Fig2. Vtemp Voltage vs. Supply Voltage
2
VDD=2.8V
1.5
Vtemp [mV]
0 -2 -4 -6 -8 -10
Vtemp[V]
1.0
0.5
VDD=2.8V, Ta=30C
0.0 -40
-12
-20
0
20 40 Temp[]
60
80
100
0
1
2 Iout [uA]
3
4
5
Fig3. Vtemp Voltage vs. Temperature
0.8
Fig4. Vtemp Voltage vs. Output Current
VDD=2.8V, Ta=25C
0.6
V OL[V]
0.4
0.2
0 0 1 2 3 IOS [mA] 4 5
Fig5. OS Output Voltage vs. Load Current
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
5/9
2009.08 - Rev.A
BDJ0HFV Series
Function Diagramex. 80 detect Active"L"type BDJ0800HFV
Technical Note
Temperature sensor internal IC sense temperature, Vtemp terminal output voltage convert temperature.
Vtemp value is 1.300[V] at Ta = 30[]. The value of Vtemp voltage reduce reversely proportional temperature at rate of -8.2mV/.
3.0 Analog Temp. Sensor Output [V] 2.5 2.0 1.5 1.0 0.5 Vtemp@30 ( 1.300V ) Temperature Sensitivity ( -8.20mV/ typ.)
OS Output Voltage( VOS ) [V]
Vos
Detect point Temperature Hysteresis ( 10 typ.)
00 -50 3
-30
-10
10
30
50
70
90
110
130
Temperature []
If the temperature over detect temperature, internal comparator operate OS output "H" to "L".(ex.active "L" Type) In case of OS return to "H",the temperature 10 lower than detect temperature.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
6/9
2009.08 - Rev.A
BDJ0HFV Series
Operation Sequence ex.80 detect Active"L"type BDJ0800HFV
Technical Note
VDD
H Level 1.5V
PD
L Level 0.2V 7.5A 7.5A 0.3A 0.3A
IDD
0.3A
1.300V@Ta=30
Vtemp
Hi Z
Hi Z
Ref Voltage 70C 80C
OS
Hi Zpull-up
Hi Z
Hi Z
Hi Z
Hi Z
time
OS_L OS_H
BDJ0800HFV operate start after PD"H"Input. Please read OS terminal signal below wait time after PD "H" Input.
Ta
Under detect Temp. Over detect Temp.
Symbol
OS_L OS_H
Wait time 200s 1000s
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
7/9
2009.08 - Rev.A
BDJ0HFV Series
Technical Note
Notes for use 1) Absolute Maximum Ratings An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any special mode exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety measures including the use of fuses, etc. 2) GND voltage Make setting of the potential of the GND terminal so that it will be maintained at the minimum in any operating state. 3) Pin short and mistake fitting When mounting the IC on the PCB, pay attention to the orientation of the IC. If there is a placement mistake, the IC may be burned up. 4) Operation in strong electric field Be noted that using ICs in the strong electric field can malfunction them. 5) Mutual impedance Use short and wide wiring tracks for the power supply and ground to keep the mutual impedance as small as possible. Use a capacitor to keep ripple to a minimum.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
8/9
2009.08 - Rev.A
BDJ0HFV Series
Ordering part number
Technical Note
B
D
J
0
9
0
0
H
F
V
T
R
Series Name
Detect Temp.
090: 90 070: 70 085: 85 065: 65 080: 80 060: 60 075: 75 055: 55
Package : HVSOF5
Output Format
TR=Reel-wound embossed taping
0 : active
L 1 : active H
HVSOF5

1.60.05 (0.8)
0.2MAX
Tape Quantity Direction of feed
Embossed carrier tape 3000pcs TR
The direction is the 1pin of product is at the upper right when you hold
1.20.05 (MAX 1.28 include BURR)
1.00.05
(0.05)
(0.3)
1.60.05
5
4
4
5
(0.91)
(0.41)
( reel on the left hand and you pull out the tape on the right hand
1pin
)
123
321
0.130.05 S
0.6MAX
+0.03 0.02 -0.02
0.1 0.5 0.220.05
S 0.08
M
Direction of feed
(Unit : mm)
Reel
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
9/9
2009.08 - Rev.A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of BDJ0700HFV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X