Part Number Hot Search : 
F256C 105KHV3K AD624BD A103M SBL1040 OP18305 AD624BD 4HCT3
Product Description
Full Text Search
 

To Download BD313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD313
DESCRIPTION *Excellent Safe Operating Area *DC Current Gain-hFE= 25(Min.)@IC = 4A *Collector-Emitter Saturation Voltage: VCE(sat)= 1.0 V(Max)@ IC = 5A *Complement to Type BD314
APPLICATIONS *Designed for high quality amplifiers operating up to 60 watts into 4 ohm load.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Collector Current-Peak
w w
scs .i w
80 80 5 10 20 4 115 200 -65~200
VALUE
UNIT V
V
.cn mi e
V A
A A W
Base Current-Continuous Collector Power Dissipation@TC=25 Junction Temperature Storage Temperature
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.52 UNIT /W
isc Websitewww.iscsemi.cn
1
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BD313
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=200mA ; IB=0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.8
V
VBE(on)
Base-Emitter On Voltage
IC= 4A; VCE= 4V
1.5
V
ICBO
Collector Cutoff Current
VCB= 80V; IB=0
B
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 7.0V; IC=0
hFE-1
DC Current Gain
hFE-2
DC Current Gain
fT
Current Gain-Bandwidth Product
w w
scs .i w
IC= 4A; VCE= 4V
IC= 10A; VCE= 4V
IC= 0.5A ; VCE= 10V;f=1.0MHz
.cn mi e
1.0
mA
25
5
4
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BD313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X