Part Number Hot Search : 
CT208 2SD1127 G150X ADP3331 MAX496 D74HC40 78H12A SR1100PT
Product Description
Full Text Search
 

To Download BAS16LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-23 Plastic-Encapsulated Diodes
BAS16LT1
FEATURES Power dissipation PD: 225 mW (Tamb=25)
1. 0
2. 4 1. 3
SWITCHING DIODE SOT-23
TJ, Tstg: -55 to +150
0. 95
Unit: mm
M ki ng A6 ar M ki ng A6 ar
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR
unless otherwise specified)
Test conditions MIN 75 1 MAX UNIT V
IR= 100A VR=75V
0. 4
Forward Current 200 m A IF: Reverse Voltage 75 V VR: Operating and storage junction temperature range
2. 9
1. 9
0. 95
A
IF=1mA Forward voltage VF IF=10mA IF=50mA IF=150mA Diode capacitance CD t
rr
715 855 1000 1250 2 6 mV
VR=0V, f=1MHz
pF nS
Reverse recovery time


▲Up To Search▲   

 
Price & Availability of BAS16LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X