Part Number Hot Search : 
66BGC 74435 T681707 HEM406 LM339P NP2502R L7905 74HCT564
Product Description
Full Text Search
 

To Download BAQ33-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAQ33 / 34 / 35
Vishay Semiconductors
Small Signal Switching Diodes, Low Leakage Current
Features
* * * * Silicon Planar Diodes Very low reverse current Lead (Pb)-free component Component in accordance to RoHS 2002/ 95/EC and WEEE 2002/96/EC
e2
Applications
Protection circuits, time delay circuits, peak follower circuits, logarithmic amplifiers
94 9371
Mechanical Data
Case: MiniMELF Glass case (SOD-80) Weight: approx. 31 mg Cathode Band Color: Black Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
Parts Table
Part BAQ33 BAQ34 BAQ35 Type differentiation VRRM = 40 V VRRM = 70 V VRRM = 140 V Ordering code BAQ33-GS18 or BAQ33-GS08 BAQ34-GS18 or BAQ34-GS08 BAQ35-GS18 or BAQ35-GS08 Remarks Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Test condition Part BAQ33 BAQ34 BAQ35 Peak forward surge current Forward current tp = 1 s Symbol VR VR VR IFSM IF Value 30 60 125 2 200 Unit V V V A mA
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range Test condition on PC board 50 mm x 50 mm x 1.6 mm Symbol RthJA Tj Tstg Value 500 175 - 65 to + 175 Unit K/W C C
Document Number 85537 Rev. 1.7, 09-Dec-05
www.vishay.com 1
BAQ33 / 34 / 35
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Reverse current Test condition IF = 100 mA E 300 lx, rated VR E 300 lx, rated VR, Tj = 125 C E 300 lx, VR = 15 V E 300l x, VR = 30 V E 300 lx, VR = 60 V Breakdown voltage IR = 5 A, tp/T = 0.01, tp= 0.3 ms IR = 5 A, tp/T = 0.01, tp = 0.3 ms Diode capacitance VR = 0, f = 1 MHz BAQ33 BAQ34 BAQ35 BAQ33 BAQ34 BAQ35 Part Symbol VF IR IR IR IR IR V(BR) V(BR) V(BR) CD 40 70 140 3 0.5 0.5 0.5 1 Min Typ. Max 1 3 0.5 1 1 1 Unit V nA A nA nA nA V V V pF
Typical Characteristics (Tamb = 25 C unless otherwise specified)
10000 V R = VRRM I R - Reverse Current (nA) 1000 Scattering Limit 100
10
1 0
94 9079
40
80
120
160
200
Tj - Junction Temperature (C)
Figure 1. Reverse Current vs. Junction Temperature
1000 Tj = 25 C 100 Scattering Limit 10
I F - Forward Current (mA)
1
0.1 0
94 9078
0.4
0.8
1.2
1.6
2.0
V F - Forward Voltage (V)
Figure 2. Forward Current vs. Forward Voltage
www.vishay.com 2
Document Number 85537 Rev. 1.7, 09-Dec-05
BAQ33 / 34 / 35
Vishay Semiconductors Package Dimensions in mm (Inches)
Cathode indification
3.7 (0.144) 3.3 (0.129) Mounting Pad Layout 2.50 (0.098) max
0.47 max. (0.02)
ISO Method E
1.25 (0.049) min
5 (0.197) ref
2 (0.079) min
1.6 (0.062) 1.4 (0.055)
96 12070
Document Number 85537 Rev. 1.7, 09-Dec-05
www.vishay.com 3
BAQ33 / 34 / 35
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85537 Rev. 1.7, 09-Dec-05
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAQ33-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X