Part Number Hot Search : 
S1610 EPSA1 DS135 P89C52BN SDB1608 FAN7071 KSB834Y 1N5401
Product Description
Full Text Search
 

To Download B25620B0357K881 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - Power electronic capacitors
MKP PEC DC
Series/Type: Ordering code: Date: Version:
B2562* June 2010 3.2
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (bottom right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: B2562* Preliminary data FK PEC June 2010 3.2 Film capacitors - Power electronic capacitors MKP PEC DC
EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data
B2562*
Metallized polypropylene film capacitors - aluminum case for general purpose applications
B2562* Female terminals (M6, M8 or M10) B2562* Male terminals (M6, M8 or M10)
M12 stud on bottom of the aluminum case, nut and washer for fixing are standard for all types. Others available distance between terminals: 35 and 50 mm.
Observation: distance between terminals of 50 mm is available only for capacitors with diameter 116 mm.
FK PEC . Page 2 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data
B2562*
General Technical Information
The following definitions apply to power capacitors according to IEC 61071. Rated capacitance CR Nominal value of the capacitance at 20 and measuring frequency range of 50 to 120 Hz. C Rated DC voltage VR Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which the capacitor has been designed, for continuous operation. Ripple voltage Vr Peak-to-peak alternating component of the unidirectional voltage. Maximum surge voltage Vs Peak voltage induced by a switching or any other disturbance of the system which is allowed for a limited number of times and duration. - Maximum duration: 50 ms / pulse - Maximum number of occurrences: 1000 (during load) Insulation voltage Vi Rms rated value of the insulation voltage of capacitive elements and terminals to case or earth. When it is not specified in the product data sheet, the insulation voltage is at least: Vi =
VR 2
Maximum rate of voltage rise (dV/dt)max Maximum permissible repetitive rate of voltage rise of the operational voltage. Maximum current Imax Maximum rms current for continuous operation. Maximum peak current I Maximum permissible repetitive current amplitude during continuous operation. Maximum peak current (I) and maximum rate of voltage rise (dV/dt)max on a capacitor are related as follows: I = C (dV/dt)max Maximum surge current I s Admissible peak current induced by a switching or any other disturbance of the system which is allowed for a limited number of times (1000 times) and duration (50 ms / pulse). Is = C (dV/dt)s Ambient temperature A Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the capacitor.
FK PEC . Page 3 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data Lowest operating temperature min Lowest permitted ambient temperature at which a capacitor may be energized.
B2562*
Maximum operating temperature max Highest permitted capacitor temperature during operation, i.e. temperature at the hottest point of the case. Hot-spot temperature hs Temperature zone inside of the capacitor at hottest spot. Tangent of the loss angle of a capacitor tan Ratio between the equivalent series resistance and the capacitive reactance of a capacitor at a specified sinusoidal alternating voltage, frequency and temperature. Series resistance Rs The sum of all Ohmic resistances occurring inside the capacitor. Thermal resistance Rth The thermal resistance indicates by how many degrees the capacitor temperature at the hot spot rises in relation to the dissipation losses. Maximum power loss Pmax Maximum permissible power dissipation for the capacitor's operation. Pmax =
hs - A R th
Self inductance Lself The sum of all inductive elements which are contained in a capacitor. Resonance frequency fr The lowest frequency at which the impedance of the capacitor becomes minimum. fr =
1 2 L self CR
Specifications and characteristics
Application: The MKP DC series is designed for DC-link applications. Some typical examples of DC-Link applications are as follows: converters, frequency drives, power conversion, uninterruptible power supplies, transportation, wind power, solar power, power distribution, etc.
FK PEC . Page 4 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data Test data Voltage between terminals VTT: Voltage between terminals and case VTC: Dissipation factor tan at 100 Hz: Life test: Life expectancy tLD: 1.5 * VRDC, 10 s 2 * Vi + 1000 V, 10 s 1.0 * 10-3 IEC 61071 100 000 hours
B2562*
Climatic category stg: min: max: hs: Max. permissible humidity:
55/60/56 -55 ... +85 C C -55 C +60 C +75 C 95% (ttest = 56 days)
Construction and general data
Resin filling: Mounting and grounding: Cooling: Max. Permissible altitude: Degree of protection: Reference standards: Mechanical characteristics Max. torque (case) M12 stud: Max. torque (terminal): Non PCB, hard polyurethane (Dry type). M12 Stud on bottom of the aluminum case. Naturally air-cooled (or forced air cooling) 2000 m above sea level Indoor mounting IEC 61071 RoHS Compliance 12 Nm 8 Nm
FK PEC . Page 5 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data
B2562*
Structure of Part number
Special versions not necessarily are following the part number structure.
FK PEC . Page 6 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data Technical data and ordering codes
Capacitance tolerance tan o tan (100 Hz) stg tLD VR V DC CR F 160 220 260 260 350 400 880 440 480 550 700 750 970 1100 1500 100 140 170 230 260 280 310 350 400 420 450 480 610 700 940 1100 1100 B25620B0167K881 B25620B0227K881 B25620B0267K881 B25620S0267K881 B25620B0357K881 B25620B0407K881 B25620B0447K882 B25620B0487K881 B25620B0557K881 B25620B0707K882 B25620B0757K881 B25620B0977K882 B25620B0118K882 B25620B0158K882 B25620B1107K101 B25620B1147K101 B25620B1177K101 B25620B1237K101 B25620B1267K101 B25620B1287K102 B25620B1317K101 B25620B1357K101 B25620B1407K101 B25620S1427A101 B25620B1457K102 B25620B1487K101 B25620B1617K102 B25620B1707K102 B25620B1947K102 B25620B1118K103 B25620S1118K103 Ordering code 10% -4 2 * 10 -3 1 * 10 -55 ... +85 C 100 000 h Imax A 40 50 45 45 50 45 65 55 50 70 55 75 75 80 35 45 40 40 40 60 50 40 55 55 65 50 70 70 70 80 80 Rs m 2.2 1.9 2.8 2.8 2.4 3.8 1.5 2.8 3.0 1.7 3.7 1.9 2.0 2.4 2.5 2.1 3.2 4.1 4.4 1.6 3.2 5.6 2.4 2.2 1.9 4.3 2.2 2.3 1.6 1.5 1.5 Lself nH 80 60 80 80 60 80 60 60 60 60 60 60 60 60 80 60 80 80 80 60 60 80 60 60 60 60 60 60 60 100 100 max C 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 D mm 75 85 75 85 85 75 116 85 85 116 85 116 116 116 75 85 75 75 75 116 85 75 85 85 116 85 116 116 116 116 116
B2562*
H mm 70 70 95 95 95 132 70 120 132 95 173 120 132 173 70 70 95 120 132 70 120 173 132 138 95 173 120 132 173 223 230
1100
FK PEC . Page 7 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data
VR V DC CR F 70 110 160 180 220 1320 260 310 340 420 480 660 30 40 50 70 1980 80 110 145 190 215 295 B25620B1706K321 B25620B1117K321 B25620B1167K321 B25620B1187K321 B25620B1227K321 B25620B1267K321 B25620B1317K322 B25620B1347K321 B25620B1427K322 B25620B1487K322 B25620B1667K322 B25620B1306K981 B25620B1406K981 B25620B1506K981 B25620B1706K981 B25620B1806K981 B25620B1117K981 B25620B1147K981 B25620B1197K982 B25620B1217K982 B25620B1297K982 Ordering code Imax A 35 35 40 40 45 45 65 50 65 70 70 25 30 30 35 30 30 40 60 60 60 Rs m 2.8 3.8 4.6 5.1 3.6 3.9 2.0 4.9 2.4 2.6 3.1 3.8 3.1 5.1 3.9 7.1 9.1 7.1 3.0 3.3 4.0 Lself nH 80 80 80 80 60 60 60 60 60 60 60 80 60 80 60 80 80 60 60 60 60 max C 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 D mm 75 75 75 75 85 85 116 85 116 116 116 75 85 75 85 75 75 85 116 116 116
B2562*
H mm 70 95 120 132 120 132 95 173 120 132 173 70 70 95 95 132 173 173 120 132 173
Other capacitances or voltage values are available upon request.
FK PEC . Page 8 of 10
June 2010
Film capacitors - Power electronic capacitors MKP PEC DC
Preliminary data
B2562*
Cautions and warnings
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not be used at all. Check tightness of the connections/terminals periodically. The energy stored in capacitors may be lethal. To prevent any chance of shock, discharge and short-circuit the capacitor before handling. Failure to follow cautions may result, worst case, in premature failures, bursting and fire. EPCOS AG is not responsible for any kind of possible damages to persons or things due to improper installation and application of capacitors for power electronics. Safety Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. Ensure good, effective grounding for capacitor enclosures. Observe appropriate safety precautions during operation (self-recharging phenomena and the high energy contained in capacitors). Handle capacitors carefully, because they may still be charged even after disconnection. The terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. Follow good engineering practice. Thermal load After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions. Mechanical protection The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. Storage and operating conditions Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground. The maximum storage temperature is 85 C. Service life expectancy
Electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors, too. The maximum service life expectancy may vary depending on the application the capacitor is used in.
FK PEC . Page 9 of 10
June 2010
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap, DigiSiMic, DSSP, FormFit, MiniBlue, MiniCell, MKD, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 10 of 10


▲Up To Search▲   

 
Price & Availability of B25620B0357K881

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X