Part Number Hot Search : 
EBE24B MC6800P 1N5297 TC110 TN5115 TA31136 BU32TA2W BSX53
Product Description
Full Text Search
 

To Download ATS-60001-C2-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile, High Performance Cooling Solutions w/Thermal Tape Attachment
ATS PART # ATS-60001-C2-R0
Features & Benefits

blueICETM heat sinks feature an ultra low profile for toughto-cool applications Designed for high performance in low air velocities Ideal for telecommunications applications where space is limited Comes preassembled with high performance thermal interface material
A B C D
thermal Performance
AIR VELOCITy
*Image above is for illustration purposes only.
THERMAL RESISTANCE
FT/MIN
200 300 400 500 600 700 800
M/S
1.0 1.5 2.0 2.5 3.0 3.5 4.0
C/W (UNDUCTED FLOW)
7.8 6.1 4.9 4.1 3.6 3.1 2.8
C/W (DUCTED FLOW)
3.8
Product Details
DIMENSION A 37.6 mm
Notes:
1) 2) 3) 4)
DIMENSION B 37.6 mm
DIMENSION C 4 mm
DIMENSION D 56 mm
INTERFACE MATERIAL SAINT-gOBAIN C675
FINISH BLUE-ANODIZED
Dimension C = heat sink height from bottom of the base to the top of the fin field. Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV1_0908


▲Up To Search▲   

 
Price & Availability of ATS-60001-C2-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X