Part Number Hot Search : 
MTB001 CR0300SB 32A1235 DUR06A4 N6073 M27C10 M27C10 PTJ90
Product Description
Full Text Search
 

To Download 63860-7500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.00mm (.079") Pitch SherlockTM
Description Order No. Circuits Wire Range Mated Dimensions Materials (UL 94V-0) Packaging
Terminal
50212-8000 Crimp Terminal 50212-8100 -- 24 to 30 AWG -- Tin Plated Phosphor Bronze Reel
Bag
Crimp Housing
Positive Locking Receptacle Housing
35507-XX00
2-20
--
--
Polyester
Bag
Headers
Vertical Header with Peg
35362-XX00
2-20
--
8.50mm (.335") 5.80mm (.228")
Polyamide
Bag
Vertical Header
35362-XX50
2-20
--
8.50mm (.335") 5.80mm (.228")
Polyamide
Bag
8.50mm (.335")
Right Angle Header
35363-XX60
2-20
--
5.80mm (.228")
Polyamide
Bag
Replace XX with number of circuits
APPLICATION TOOLING
Insulation Diameter Order No.
2.00mm (.079") Pitch SherlockTM
Terminal
Strip Length
TM-2000 Applicator 63860-7500
TM-40/TM-42 Applicator 63850-7500
Extractor Tool 57105-6000
Hand Tool --
50212-8000 1.4mm (.055") max. 50212-8100 1.30 to 1.80mm (.051 to .071")
--
--
57105-6000
63811-1200
FEATURES AND BENEFITS
I Four-point contact design for greater reliability I Overstress feature protects the locking latch
2.00mm (.079") Pitch SherlockTM
soldering
I Anti-fishhooking contact design eliminates tangling of
crimped leads during cable assembly housing
I Pull tabs enable easy unmating and/or overmolding I Polarized mating geometry insures headers and
I Coined solder tails for PCB retention during wave I Fully shrouded headers with guide ramp protects pins
I Locking tang on contact for secure retention to the I Positive lock on receptacle housing insures secure
receptacles cannot be mismated proper orientation on PCB
and aids mating
I Optional locating peg on vertical headers to insure
I Lead-free plating
retention when mated to headers
SPECIFICATIONS Reference Information Recommended Wire Style: UL 1007 UL File No.: E29179 CSA File No.: LR19980 RoHS Compliant Electrical Current: 2.0A max Voltage: 125V Contact Resistance: 20 milliohms max. Dielectric Withstanding Voltage: 500V Insulation Resistance: 1000 Megohms min. Mechanical Mating Force (5 Circuit Parts): 11.8N max. Unmating Force (5 Circuit Parts): 0.66N min. Durability: 30 Cycles Physical Housing: Polyester, UL 94V-0 Header: Polyamide, UL 94V-0 Terminal: Phosphor Bronze Pin: Brass Plating: Lead-free Tin Operating Temperature: -40 to +105C
Pull Tabs Polarized Mating Geometry Guide Ramp Fully Shrouded Header Positive Lock
2.00mm (.079") Pitch SherlockTM
Coined Solder Tails
Polarizing Peg
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http: //www.molex.com/product/wb/sherlock.html
Order No. USA-236 Printed in USA/7.5K/JI/JI/2004.04 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 63860-7500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X