Part Number Hot Search : 
221K5 P5KE13A D4025L59 SB105G 00120 FQP4P25 30639 KP3500A
Product Description
Full Text Search
 

To Download 6001-0500C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6001 Series Delay On Operate Digital Timing Module Fixed Timing, Solid State Output
Product Facts

Fixed delay on operate timer 300mA output CMOS digital design Voltage surge protection Qualified to MIL-R-83726/13
Electrical Specifications
Timing Range: 50 ms to 600 s. Timing Accuracy: 10% of nominal timing under all conditions of input voltage and environmental extremes. Recycle Characteristics: Before Time Out: A power interruption occuring after the start but before completion of the timing cycle shall be for a duration of 0.5% of the nominal time delay or 10ms, whichever is greater, to ensure a loss in timing of no greater than 10%. After Time Out: A power interruption of 0.5% of the nominal time delay or 10ms, whichever is greater, will initiate a new timing cycle with a loss in timing of no greater than 5%. Input Data: Input Voltage: 28Vdc, nominal; range 18 to 31Vdc. Current Drain (at 25C, 28Vdc): 10mA (max.), plus load current. Reverse Polarity Protection: The timer will not be damaged or operate when input voltage polarity is reversed. Output Data: Configuration: 1 Form A (SPST-NO) solid state switch closure to ground. Load Ratings: Resistive: 300mA @ +25C, derated to 100mA @ +125C. Inductive: Three MIL-R-5757/9 relays (any relay with 26.5Vdc coil). Lamp Load: Two MS25237-327 lamps per MIL-L-6363. Load Suppression: Suppression for inductive loads for output protection is provided within the unit. Voltage Drop: 2.5Vdc, max. @ -55C and +25C; 2.0 Vdc, max., @ +125C. Leakage Current: 1A, max. @ +25C, 10A, max. @ +125C. Insulation Resistance: 1,000 megohms, min., @ 500Vdc, measured between all terminals tied together to the case. Dielectric Strength: 500Vrms, 60 Hz., at sea level, measured between all terminals tied together to the case. Transients: Voltage Surge: Per MIL-STD-704A, figure 9, limit 1, for category B equipment. Self-generated Spikes: 10V. CII 6001 series delay on operate timer modules are miniature devices combining solid state timing circuits with solid state switch outputs in robust hermetically sealed DIP enclosures. The 1 Form A (SPST-NO) switch is rated 300mA.
Part Numbering System
Typical Part Number 6001 -6002 Model Number: 6001 = Fixed timer, -55C to +125C Timing Code: Four-digit code for any value between 50ms and 600s. The timing code consists of four digits and gives the time in ms. The first three digits are the significant figures and the last digit is the number of zeros following the significant figures; thus 50 ms would be coded 0500, 1.1 s would read 1101, and 1 m (60 s) would be 6002. Optional Suffix: C = Commercial version equivalent to M83726/13. C
Timing Diagram
INPUT LOAD
+28Vdc 0Vdc ON OFF
< TIME DELAY >
A typical part number would be 6001-6002C. This solid state output timing module has a time delay of 60s at 28Vdc and is the commercial equivalent to M83726/13.
Environmental Specifications
Temperature Range: -55C to +125C. Altitude: 80,000 ft. Shock: 150 G's, 11 1ms half-sine wave. Vibration (sinusoidal): 10 -80 Hz. at 0.06 inch DA; 80 - 3,000 Hz. at 20 G's. Sealing: MIL-STD-202, method 112, condition C. Materials: Cover: Nickel. Header: Kovar. Pins: Kovar, gold plated. Marking: Per MIL-R-83726. Weight: 0.42 oz (12g) max.
Outline Dimensions
.920 MAX. [23.375] .42 MAX. [10.67] .100 TYP. [2.54] .018 DIA. TYP. [14.7] COLORED BEAD .06 [1.52] .28 [7.11] .58 MAX. [14.7]
.300 [7.62]
14 PINS GOLD PLATE PER MIL-G-45204, TYPE II, CLASS I, UNDERPLATING, NICKEL 50 TO 150 MICROINCHES THICK. 3 TERMINALS FOR CIRCUIT CONNECTIONS
Wiring Diagram
+ LOAD B+ -
B-
-+ INPUT
PIN 10 IS ACTIVE. DO NOT CONNECT.
Special Notes:
* Load is connected between B+ and terminal designated. Delay begins upon application of power to terminals (B+ and B-). * Always consult latest military specification for changes and additional information.
(c) 2005 by Tyco Electronics Corporation. All Rights Reserved. CII and TYCO are trademarks. Other products and company names mentioned herein may be trademarks of their respective owners.
1
Catalog 8-1773439-2 Revised 4-05 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967


▲Up To Search▲   

 
Price & Availability of 6001-0500C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X