![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
443-011 EMI/RFI Cable Sealing Backshell Band-in-a-Can with Strain-Relief Self-Locking Rotatable Coupling - Full Radius Profile 443 F N 011 NF 16 12 H K P 443 CONNECTOR DESIGNATORS Product Series Connector Designator Angle and Profile M = 45 N = 90 See page 443-10 for straight Basic Part No. Finish (Table II) Polysulfide (Omit for none) B = Band K = Precoiled Band (Omit for none) Strain Relief Style (H, A, M, D, Tables X & XI) Dash No. (Table IV) Shell Size (Table I) O-Ring H (Table III) A-F-H-L-S SELF-LOCKING ROTATABLE COUPLING 1.00 (25.4) Max A Thread (Table I) E Typ. (Table I) F (Table III) G (Table III) 1.25 (31.8) Max O-Ring STYLE 2 (See Note 1) Anti-Rotation Device (Typ.) Termination Area Free of Cadmium Knurl or Ridges Mfr's Option J (Table III) K (Table IV) Band Option (K Option Shown See Note 4) Polysulfide Stripes P Option STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W STYLE M Medium Duty (Table XI) X STYLE D Medium Duty (Table XI) .135 (3.4) Max Cable Range V Cable Range Y Cable Range Y Cable Entry Z (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 443 - Page 12 Rev. 20-AUG-2008 Band-in-a-Can with Strain-Relief Self-Locking Rotatable Coupling - Full Radius Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II. TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. A-F-L-S H 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 F Max .968 (24.6) 1.031 (26.2) 1.094 (27.8) 1.156 (29.4) 1.219 (31.0) 1.250 (31.8) 1.312 (33.3) 1.344 (34.1) 1.406 (35.7) G Max 1.057 (26.8) 1.111 (28.2) 1.161 (29.5) 1.215 (30.9) 1.264 (32.1) 1.314 (33.4) 1.368 (34.7) 1.422 (36.1) 1.471 (37.4) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.906 (48.4) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) J Max 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6) 2.000 (50.8) 2.125 (54.0) 2.250 (57.2) 2.375 (60.3) TABLE IV: CABLE ENTRY K Dash Clamp Dia No. Size .125 (3.2) 02 03 .188 (4.8) 03 03 .250 (6.4) 04 03 .312 (7.9) 05 04 .375 (9.5) 06 06 .438 (11.1) 07 06 .500 (12.7) 08 08 .562 (14.3) 09 10 .625 (15.9) 10 10 .688 (17.5) 11 12 .750 (19.1) 12 12 .812 (20.6) 13 16 .875 (22.2) 14 16 .938 (23.8) 15 16 1.000 (25.4) 16 20 1.062 (27.0) 17 20 1.125 (28.6) 18 20 1.250 (31.8) 20 20 1.375 (34.9) 22 24 1.500 (38.1) 24 28 TABLE X: CABLE ENTRY T V Cable Clamp Max Max Size Min .780 (19.8) .957 (24.3) .125 (3.2) 04 .780 (19.8) 1.145 (29.1) 06 .250 (6.4) .780 (19.8) 1.332 (33.8) .387 (9.8) 08 .780 (19.8) 1.332 (33.8) 10 .350 (8.9) .811 (20.6) 1.551 (39.4) 12 .500 (12.7) .905 (23.0) 1.770 (45.0) .625 (15.9) 16 1.092 (27.7) 2.113 (53.7) 20 .875 (22.2) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 24 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 28 Range Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) Clamp X W Size Max Max 03* .437 (11.1) .760 (19.3) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 08 .563 (14.3) .760 (19.3) 10 .563 (14.3) .760 (19.3) 12 .563 (14.3) .760 (19.3) 16 .656 (16.7) 1.073 (27.3) 20 .656 (16.7) 1.323 (33.6) 24 .656 (16.7) 1.323 (33.6) 28 1.188 (30.2) 1.572 (39.9) * Not available in Style M clamp. TABLE XI: CABLE ENTRY Z Y Cable Range Max Max Max Min ** .630 (16.0) .156 (4.0) .250 (6.4) .843 (21.4) .755 (19.2) .188 (4.8) .312 (7.9) .906 (23.0) .942 (23.9) .281 (7.1) .438 (11.1) 1.093 (27.8) .562 (14.3) 1.187 (30.1) 1.067 (27.1) .387 (9.8) .625 (15.9) 1.281 (32.5) 1.192 (30.3) .375 (9.5) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 1.719 (43.7) 1.535 (39.0) .625 (15.9) .938 (23.8) 2.062 (52.4) 1.848 (46.9) .875 (22.2) 1.250 (31.8) 2.312 (58.7) 2.255 (57.3) 1.000 (25.4) 1.375 (34.9) 2.719 (69.1) 2.505 (63.6) 1.250 (31.8) 1.625 (41.3) ** Not Applicable Style D 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. O-Ring not supplied with Connector Designator A. 4. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 443 - Page 13 Rev. 20-AUG-2008 443 443-011 EMI/RFI Cable Sealing Backshell |
Price & Availability of 443LN011NF08
![]() |