Part Number Hot Search : 
170M2620 MC1458 MP150 TS01APE 5C060 2N495302 PA16209 14600
Product Description
Full Text Search
 

To Download 43860-0007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Features and Benefits Plug latch on top Lightpipes molded in low- or high-temperature materials Lower electrical noise than LED offerings 34% fewer leads than LED offerings Enhanced grounding tabs on shield Surface Mount Compatible for high temperature lightpipe version s Shortened leads with bottom contacts
s s s s s s
Modular Jack
Electrical Electrical Voltage: 125V Current: 1.5A max. Contact Resistance: 10m max. Dielectric Withstanding Voltage: 1000V AC Insulation Resistance: 500 M min. Mechanical Durability: 500 cycles Physical Housing: Black glass-filled, high-temperature nylon, UL 94V-0 Plating: Contact area--1.27m (50") min. Gold Solder tails--1.27m (50") Tin/Lead On both contact area and solder tails over nickel overall Temperature: -40 to +80C
Reference Information Product Specification: PS-43860-003 Packaging: Unshielded--Tube Shielded--Tray UL File No.: E107635 CSA File No.: LR149980 Designed in: Inches
43860 Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
ORDERING INFORMATION AND DIMENSIONS
Low Temperature
Order No. Circuits 6 6 6 6 6 6 8 8 8 Loaded Contacts 4 4 4 6 6 6 8 8 8 Unshielded 43860-0009 43860-0012 43860-0018 43860-0008 43860-0011 43860-0017 43860-0007 43860-0010 43860-0016 Shielded With All Panel With Offset Panel Grounding Tabs Grounding Tabs A 15.17 (.670) 16.18 (.637) 16.18 (.637) 15.17 (.670) 16.18 (.637) 16.18 (.637) 15.17 (.670) 16.18 (.637) 16.18 (.637) B 3.07 (.120) 3.07 (.120) 3.07 (.120) 5.09 (.200) 5.09 (.200) 5.09 (.200) 7.11 (.280) 7.11 (.280) 7.11 (.280) Dimension C 9.88 (.389) 9.88 (.389) 9.88 (.389) 9.88 (.389) 9.88 (.389) 9.88 (.389) 11.91 (.469) 11.91 (.469) 11.91 (.469) D 13.21 (.520) 13.53 (.533) 13.53 (.533) 13.21 (.520) 13.53 (.533) 13.53 (.533) 13.21 (.520) 13.53 (.533) 13.53 (.533)
High Temperature
Circuits 6 6 6 6 8 8 Loaded Contacts 4 4 6 6 8 8 With All Panel Grounding Tabs 43860-1012 43860-1011 43860-1017 43860-1010 43860-1016 Order No. With Offset Panel Grounding Tabs 43860-1018 Dimension A 16.18 (.637) 16.18 (.637) 16.18 (.637) 16.18 (.637) 16.18 (.637) 16.18 (.637) B 3.07 (.120) 3.07 (.120) 5.09 (.200) 5.09 (.200) 7.11 (.280) 7.11 (.280) C 9.88 (.389) 9.88 (.389) 9.88 (.389) 9.88 (.389) 11.91 (.469) 11.91 (.469) D 13.53 (.533) 13.53 (.533) 13.53 (.533) 13.53 (.533) 13.53 (.533) 13.53 (.533)
Features and Benefits
s Signal integrity remains high due to no interference from
Typical Applications
s Networking Products (Hubs, Routers, Switches, and
LED leads
s Lightpipes reduce the electronic noise from LEDs by as s much as 50% s s The inverted RJ45 Lightpipe modular jack provides Cate- s gory 5 performance for fast Ethernet applications s s Meets FCC 68.5 specification when plating selection is 50" s
Bridges) Security Systems Multimedia Set-Top Boxes (Interactive) Mini-PCI Home Office Routers and Hubs Modems
Molex's New Modular Jacks With Lightpipes Reduce EMI/RFI Over 50%
Molex Incorporated introduces a new inverted right angle modular jack with lightpipes that significantly reduces the noise created by the "antenna" effect of LED leads incorporated into the modular jack. The lightpipes direct the light emitted from the LEDs mounted on the PC board rather than using conventional LEDs mounted in the modular jacks. This design maintains signal integrity since there is no interference from LED leads. Because the LEDs are located on the PC board, you can select the colors used for the LEDs. Unlike typical LED modular jacks, you are not restricted to the standard green, yellow or orange LEDs. The combination of PC board mounted LEDs and lightpipes results in less noise being radiated though transmission lines. The inverted modular jacks with lightpipes are available in through hole styles for wave soldering or a high temperature version for reflow soldering. The high-temperature version maintains performance at a +260C reflow soldering temperature for 1 minute without deforming the modular jack or lightpipe. Shielded and unshielded offerings are available for both RJ11 and RJ45 configurations for the standard through hole version and a shielded modular jack is offered with the high temperature lightpipes.
of gold (30 and 15" of gold plating are also available)
s Each Molex modular jack is 100% electronically tested to
detect possible shorting conditions before the product is shipped s Plug latch on top of jack provides easy thumb depression for mating and unmating s Inventory can be reduced by not stocking modjacks with different colored LEDs
Americas Headquarters Lisle, Illinois 60532 U.S.A. Tel: 1-800-78MOLEX Fax: 630-969-1352
Far East North Headquarters Yamato, Kanagawa, Japan Tel: 81-462-65-2324 Fax: 81-462-65-2366
Far East South Headquarters Jurong, Singapore Tel: 65-268-6868 Fax: 65-265-6044
European Headquarters Munich, Germany Tel: 49-89-413092-0 Fax: 49-89-401527
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. Tel: 630-969-4550 Fax: 630-969-1352
V i si t o u r W e b si t e at h t t p: / / www.mo l e x .co m
Order No. USA-062 Printed in USA/5K/JI/JI/99.08
(c)
1999, Molex


▲Up To Search▲   

 
Price & Availability of 43860-0007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X