Part Number Hot Search : 
P6KE2 0M5KB 298100 BYT230P SMAL7 S05A80PT TDA749 M4001
Product Description
Full Text Search
 

To Download 3021007-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REV.
REVISION DESCRIPTION
DATE
APPROVED
1830 50 1 4 3 2 1 12.2 0.4 2 3
456 13 12 11 10 9 2 1 7 8 3
P1
P2
4
12.2 0.4 USB 4P(B)/M MOLDING TYPE (MOLD NO: G102-507)
FRONT
USB 4P(A)/M MOLDING TYPE (MOLD NO: G102-506)
FRONT
No. 1
PARTS NAME USB 4P(A)/M - CONTACT USB 4P(A)/M - INSULATOR USB 4P(A)/M - SHELL 1 USB 4P(A)/M - SHELL 2 USB 4P(A)/M - COPPER FOIL USB 4P(A)/M - OUTER MOLD USB 4P(B)/M - CONTACT USB 4P(B)/M - INSULATOR USB 4P(B)/M - SHELL 1 USB 4P(B)/M - SHELL 2 USB 4P(B)/M - COPPER FOIL USB 4P(B)/M - OUTER MOLD CABLE MINI TIE POLYBAG
SPECIFICATION STANDARD BRASS / GOLD PLATED (CRIMPING TYPE) PBT + G,F / WHITE UL 94V-0 STEEL NICKEL PLATED STEEL NICKEL PLATED WIDTH 5xLENGTH 27 45P PVC / COLOR: BLACK BRASS / GOLD PLATED (CRIMPING TYPE) PBT + G,F / WHITE UL 94V-0 STEEL NICKEL PLATED STEEL NICKEL PLATED WIDTH 5xLENGTH 27 45P PVC / COLOR: BLACK L01009ABK01A PE / BLACK PE: 0.08x140x160
QTY REMARKS 4 1 1 1 1 1 4 1 1 1 1 1 1 2 1
TAPE
100 20
15
PIN OUT
P1
1
14
2 3
P2
RED GREEN WHITE BLACK DRAIN BRAID 1 2 3 4 SHELL
4 5 6 7 8 9 10 11 12 13 14 15
2 3 4 SHELL
NOTES: 1. CABLE: UL2725 26/28AWG (28AWGx1P+26AWGx2C+FOIL+DW+BD)x1 OD: 4.2 0.2, COLOR: BLACK PRINTING: "E166307 AWM 2725 26/28AWG 80C 30V VW-1 HI-SPEED USB2.0" 2. CONNECTORS: USB 4P(A) MALE TO USB 4P(B) MALE 3. HOOD: MOLDED TYPE 4. ELECTRICAL TEST: <1>.100% OPEN SHORT & MISS WIRE TEST <2>. INSULATION RESISTANCE: DC400V 10M ohm MIN. <3>. CONDUCTOR RESISTANCE: 3 ohm MAX. 5. PACKING: 1PC/POLYBAG
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
Qualtek Electronics Corp.
WCI DIVISION
Part Number: Description:
3021007-06
USB 4P(A)/M - USB 4P(B)/M
Drawn / Date B. Grubb 01-26-07
Checked / Date 01-26-07
Approved / Date JJH / 01-26-07


▲Up To Search▲   

 
Price & Availability of 3021007-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X