Part Number Hot Search : 
50HM65 BDW52A LT1961 TFS400F BC857A 78LXXM SPD5190B 856326
Product Description
Full Text Search
 

To Download 2SD965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
NPN Transistor
P b Lead(Pb)-Free
3. BASE COLLECTOR 2.
2SD965
FEATURES :
* Flash unit of camera * Switching circuit
1. EMITTER 2. COLLECTOR 3. BASE 1. EMITTER
TO-92
MAXIMUM RATINGS (TA=25 unless otherwise noted) Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PC TJ Tstg Value 42 22 6 5 750 150 -55-150 Units V V V A mW
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) hFE(2) hFE(3) Collector-emitter saturation voltage Transition frequency VCE(sat) fT Test conditions MIN 42 22 6 0.1 0.1 150 340 150 0.35 150 V MHz 2000 TYP MAX UNIT V V V
IC=0.1mA, IE=0 IC=1mA, IB=0 IE= 10A, IC=0 VCB=30V,IE=0 VEB=6V, IC=0 VCE=2V, IC= 0.15 mA VCE= 2V,IC = 500 mA VCE=2V, IC = 2A IC=3000mA,IB=100 mA VCE=6V, IC=50mA,f=30MHz
A A
CLASSIFICATION OF Rank Range
hFE(2) R 340-600 T 560-950 V 900-2000
WEITRON
hpp://www.weitron.com.tw
1/2
01-Sep-09
2SD965
Ratings and Characteristic Curves
WEITRON
hpp://www.weitron.com.tw
2/2
01-Sep-09


▲Up To Search▲   

 
Price & Availability of 2SD965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X