Part Number Hot Search : 
CJ170A M51952A 1201G TC9432 RN1701JE T74LS KBPC300G CY2V995
Product Description
Full Text Search
 

To Download 2SB546A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB546A
DESCRIPTION *With TO-220C package *Complement to type 2SD401A *Collector current IC=-2A *Collector-base voltage VCBO=-200V APPLICATIONS *For use in general purpose power amplifier,vertical output application
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -200 -150 -5 -2 -3 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown votage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-10mA; IB=0 IC=-0.5mA; IE=0 IE=-0.5mA; IB=0 IC=-500m A;IB=-50m A VCB=-150V; IE=0 VEB=-5V; IC=0 IC=-0.4A ; VCE=-10V IC=-0.4A ; VCE=-10V 40 MIN -150 -200 -5
2SB546A
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
-1.0 -50 -50 240 5
V A A
MHz
hFE classifications M 40-80 L 60-120 K 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB546A
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB546A
4


▲Up To Search▲   

 
Price & Availability of 2SB546A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X