Part Number Hot Search : 
2N5662 GBU6M MBF200 DTC11 C1206 MC68HC7 MS6310 SMAJ18CA
Product Description
Full Text Search
 

To Download 2SB1604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1604 2SB1604A
DESCRIPTION With TO-220F package Low collector saturation voltage High speed switching APPLICATIONS For low-voltage switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER 2SB1604 VCBO Collector-base voltage 2SB1604A 2SB1604 VCEO Collector-emitter voltage 2SB1604A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Ta=25ae PC Collector dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 40 150 -55~150 ae ae Open collector Open base -40 -5 -10 -20 2 W V A A Open emitter -50 -20 V CONDITIONS MAX -40 V UNIT
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB1604 V(BR)CEO Collector-emitter breakdown voltage 2SB1604A VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 COB fT Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency IC=-10A ;IB=-0.33A IC=-10A ;IB=-0.33A VCB=-40V; IE=0 VEB=-5V; IC=0 IC=-0.1A ; VCE=-2V IC=-3A ; VCE=-2V IE=0 ; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-10V IC=-10mA ;IB=0 CONDITIONS
2SB1604 2SB1604A
SYMBOL
MIN -20
TYP.
MAX
UNIT
V -40 -0.6 -1.5 -50 -50 45 90 400 100 260 pF MHz |I |I V V A A
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-3A; IB1=-IB2=-0.1A 0.1 0.5 0.1 |I |I |I s s s
hFE-2 Classifications Q 90-180 P 130-260
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1604 2SB1604A
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SB1604 2SB1604A
4


▲Up To Search▲   

 
Price & Availability of 2SB1604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X