Part Number Hot Search : 
BTA204W NK60Z 2SC383 NTXV1N TMPF43XX 12S100 CFD611 AC500
Product Description
Full Text Search
 

To Download 2SB1604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1604 2SB1604A
DESCRIPTION With TO-220F package Low collector saturation voltage High speed switching APPLICATIONS For low-voltage switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL

PARAMETER
VCBO
Collector-base voltage
VCEO
IN
Collector-emitter voltage
HAN C
SEM GE
2SB1604A 2SB1604 2SB1604A
2SB1604
Open emitter
OND IC
CONDITIONS
TOR UC
MAX -40 -50 -20 -40
UNIT
V
Open base
V
VEBO IC ICM
Emitter-base voltage Collector current Collector current-peak
Open collector
-5 -10 -20
V A A
Ta=25ae PC Collector dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
2 W 40 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB1604 V(BR)CEO Collector-emitter breakdown voltage 2SB1604A VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 COB fT Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain IC=-10A ;IB=-0.33A IC=-10A ;IB=-0.33A VCB=-40V; IE=0 VEB=-5V; IC=0 IC=-0.1A ; VCE=-2V IC=-3A ; VCE=-2V IE=0 ; VCB=-10V;f=1MHz IC=-10mA ;IB=0 CONDITIONS
2SB1604 2SB1604A
SYMBOL
MIN -20
TYP.
MAX
UNIT
V -40 -0.6 -1.5 -50 -50 45 90 |I |I V V A A
IN
Output capacitance

Transition frequency
Switching times ton tstg tf
Turn-on time Storage time Fall time
ANG CH
EMIC ES
IC=-0.5A ; VCE=-10V IC=-3A; IB1=-IB2=-0.1A
OND
TOR UC
260 400 100 0.1 0.5 0.1 |I |I |I
pF MHz
s s s
hFE-2 Classifications Q 90-180 P 130-260
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1604 2SB1604A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1604 2SB1604A
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X