Part Number Hot Search : 
UN921M ABT162 S1036 74LV139 ABT16 AN1268 MH1362 2SA1025
Product Description
Full Text Search
 

To Download 2N6250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N6249 - 2N6250 - 2N6251
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
The 2N6249 - 2N6250 - 2N6251 are NPN silicon transistors in Jedec TO-3. They are designed for high voltage inverters, switching regulators and line operated amplifier applications. Especially well suited for switching power supply applications. * * * * High Voltage Breakdown Rating Low Saturation Voltages Fast Switching Capability High Es/b Energy Handling Capability
ABSOLUTE MAXIMUM RATINGS Symbol
VCEO VCER VCB VEB
Ratings
#Collector-Emitter Voltage (1) 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251
Value
200 275 350 225 300 375 300 375 450 6.0 15
Unit
V
#Collector-Emitter Voltage (1)
RBE=50
V Vdc Vdc
Collector-Base Voltage (1)
Emitter-Base Voltage Continuous (1)
IC
Collector Current Peak Continuous (1)
Adc 30 10 Adc 20 25 Adc 50
IB
Base Current Peak Continuous
IE
Emitter Current Peak
COMSET SEMICONDUCTORS
1/3
2N6249 - 2N6250 - 2N6251
2N6249 2N6250 2N6251 2N6249 @ TC = 100 2N6250 2N6251 2N6249 Derate above 25 2N6250 (1) 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 @ TC = 25
175 Watts 100 1.0 -65 to +200 -65 to +200 W/C C C
Pt
Total Power Dissipation
TJ Tstg
Junction Temperature (1)
Storage Temperature (1)
(1) This data guaranteed in addition to JEDEC registered data.
THERMAL CHARACTERISTICS Symbol
RthJC TL
Ratings
Thermal Resistance, Junction to Case Maximum Lead Temperature for Soldering Purposes : 1/8'' from Case for 5 Secondes 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251
Value
1 275
Unit
C/W C
ELECTRICAL CHARACTERISTICS
TC=25C unless otherwise noted
Symbol
VCEO(SUS)
Ratings
Collector-Emitter Sustaining Voltage Collector-Emitter Sustaining Voltage
Test Condition(s)
IC=200 mAdc, IB=0
Min Typ Mx Unit
2N6249 200 2N6250 275 2N6251 350 2N6249 225 2N6250 300 2N6251 375 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 5.0 5.0 5.0 5.0 10 5.0 10 5.0 10 mAdc mAdc V Vdc
VCER(SUS)
IC=0.2 Adc, RBE=50 VCE=150 Vdc, IB=0
ICEO
Collector-Emitter Current
VCE=225 Vdc, IB=0 VCE=300 Vdc, IB=0 VCE=225 Vdc, VEB(off)=1.5 Vdc VCE=225 Vdc, VEB(off)=1.5 Vdc, TC = 150C VCE=300 Vdc, VEB(off)=1.5 Vdc VCE=300 Vdc, VEB(off)=1.5 Vdc, TC = 150C VCE=375 Vdc, VEB(off)=1.5 Vdc VCE=375 Vdc, VEB(off)=1.5 Vdc, TC = 150C
ICEX
Collector Cutoff Current
COMSET SEMICONDUCTORS
2/3
2N6249 - 2N6250 - 2N6251
IEBO
Emitter Cutoff Current Ssecond Breakdown Collector Current with base forward biased t=1.0S non-repetitive Ssecond Breakdown Energy with base reverse biased t=1.0S nonrepetitive DC Current Gain Collector-Emitter saturation Voltage (1) Base-Emitter saturation Voltage (1)
VBE=6.0 Vdc, IC=0
Is/b
VCE=30 Vdc
2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251 2N6249 2N6250 2N6251
5.8 5.8 5.8 2.5 2.5 2.5 10 8.0 6.0 -
-
1.0 50 50 50 1.5 1.5 1.5 2.5 2.5 2.5
mAdc
Vdc
Es/b
IC= 10 A, VBE(off) = 4.0Vdc, L = 50 H
mJ
hFE VCE(SAT) VBE(SAT)
IC=10 Adc, VCE=3.0 Vdc IC=10 Adc, IB=1 Adc IC=10 Adc, IB=1.25 Adc IC=10 Adc, IB=1.67 Adc IC=10 Adc, IB=1 Adc IC=10 Adc, IB=1.25 Adc IC=10 Adc, IB=1.67 Adc
Vdc Vdc
(1) Mesured on a curve tracer (60 Hz full-wave rectified sine wave ).
Symbol
fT tr ts tf
Ratings
Current Gain - Bandwith Product
Test Condition(s)
Min Typ Mx Unit
2.5 2N6259 2N6250 2N6251 2.0 3.5 1.0 MHz
VCE=10 Vdc, IC=1.0 Adc, ftest = 1.0 Mhz VCC= 200 Vdc, IC= 10 A, Duty Cycle <= 2.0% tp= 100 s Rise Time IB1 = IB2=1.0 Adc Storage Time IB1 = IB2=1.25 Adc Fall Time IB1 = IB2=1.67 Adc
s
MECHANICAL DATA CASE TO-3
DIMENSIONS
A B C D E G H L M N P Pin 1 : Pin 2 : Case : mm 25,51 38,93 30,12 17,25 10,89 11,62 8,54 1,55 19,47 1 4,06 inches 1,004 1,53 1,18 0,68 0,43 0,46 0,34 0,6 0,77 0,04 0,16 Base Emitter Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice. COMSET SEMICONDUCTORS 3/3


▲Up To Search▲   

 
Price & Availability of 2N6250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X