Part Number Hot Search : 
ADF41 THAT4305 MC68HC1 AON7210 F13N06L BTA42 AD5801 133TF1T
Product Description
Full Text Search
 

To Download 1301900058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Woodhead(R) Wide-Area Fluorescent Light For Class I, Division 2 and Zone 2 Applications
This light has been designed with direct customer input to ensure its use meets the needs of a wide range of applications. Already accepted in Canada and several markets in the US, the pending UL Listing will provide universal acceptance in all of North America, particularly for those customers not accepting compliance via a Canadian certification body. For additional product information, please visit: http://www.molex.com/link/widearea.html and http://www.woodhead.com.
The most rugged, portable Wide-Area Fluorescent Light for Hazardous Locations on the market Workers in all professions face job hazards that, left unchecked, pose a serious threat to personal safety, security and productivity. These are issues that tie directly to every customer's bottom line. For many Molex customers, ignitable concentrations of flammable gases, vapors or liquids pose a serious threat to job-site safety. The Woodhead Wide-Area Fluorescent Light for Hazardous Locations is designed to operate safely in hazardous environments while delivering high-output light in an extremely rugged and durable fixture. The light is certified by QPS (Quality Product Services) to Class I, Division 2 standards. QPS is a Canadian certification body nationally recognized in Canada and 6 US states. This fixture provides task lighting for maintenance and repair operations and wide-area light in potentially hazardous locations. The enclosure is constructed of sturdy, cast aluminum and is covered with a heavyduty, rubber-polycarbonate lens assembly that creates an impact-resistant seal keeping out moisture and contaminants. The twin 55W fluorescent lamps are shock-mounted in front of a specular aluminum reflector that produces light equivalent to many higher-wattage units while providing superior lamp life with respect to impact, vibration and overheating.
Wide-Area Fluorescent Light For Class I, Division 2 and Zone 2 Applications
130243 Wide-Area Fluorescent Light (1075-HZ2)
Features and Benefits n Rugged cast-aluminum enclosure with unique rubber lens-gasket assembly provides superior strength & durability, impact and corrosion resistance, simple maintenance n Two, 55W CFL lamps (110 Watts), shock mounted, with integral aluminum reflector offers a rugged lamp design with lamp supports that will resist breakage while producing 9600 lumens SPECIFICATIONS Reference Information Packaging: Unit or Each QPS File No.: QFC3303-20 UL File No: Pending (available late 2009) Electrical Voltage (max.): 120VAC-277VAC/60 Hz Current (max.): 1.2A per fixture at 120VAC Total Wattage: 110 Watts Lamp Type: Compact Fluorescent PL-L 55 Watts Ballast Type: Rapid Start, 2 lamps Mechanical Enclosure Ratings: NEMA 3R Weight: 15.5 lbs. without cable Physical Housing: Cast Aluminum Cover: Silicone Rubber and Polycarbonate Operating Temperature: Low: -50C Service: -10C Ambient High: +40C Low Temperature start: -20C n Energy-efficient, single ballast design ensures product uses less energy; field repairs and maintenance are simplified n Third-party certified to CSA Class I, Division 2 environments and suitable for Zone 2 Groups B, C, and D T3A temperature rating; also outdoor rated; safe in wet locations with potentially ignitable gases of all groups and meets code n Operating range -50C to +40C with a cold-start temperature of -20C or colder allows design to be used in a wide range of temperatures n Customizable mounting clamp/handle/cord wrap and electrical cable fittings provide mounting flexibility; can use a wide range of connectors including BradPowerTM for Zone 2
APPLICATIONS
Wide-Area Fluorescent Light
Petro-Chemical and Refinery Plants Shipyards
Woodhead(R) Wide-Area Fluorescent Light For Class I, Division 2 and Zone 2 Applications
Pulp and Paper
n Scaffold and Ingress/Egress Lighting n Vessel and Tank Task Lighting Utility and Gas
n Scaffold and Area Lighting n Confined-Space Task and Area Lighting Water and Waste Water Treatment
n Digester and Bleach Plant Maintenance Lighting n Chemical Recovery Maintenance Lighting Aerospace
n Scaffold and Area Lighting n Tunnels and Vault Areas
n Covered Settling Tanks n Maintenance Task Lighting
n Scaffold and Ingress/Egress Lighting n Fuselage Construction Task and Area Lighting
ORDERING INFORMATION
Order Number 1302430004 1302430002 1302430003 1302430001 1302430005 1302430007 1302430008 1302430009 1301900058 1301910093 1302011400 1301890009 Engineering Part Number 1075-HZ2N 1075-HZ2NK143F 1075-HZ2NK123F 1075-HZ25A143 1075-HZ25B143 1075-HZ2XA143F 1075-HZ2XB143F 1075-HZ2XK123F 33-1075 34-1075 50-1075 40-1075 Description No Cable or cord grips 3' #14-3 SOW, FLYING LEADS 3' #12-3 SOW, FLYING LEADS 25' #14-3 SOW, 5-15 WTT PLUG/CONN 50' #14-3 SOW, 5-15 WTT PLUG/CONN 25' #14-3 SOW, XP PLUG/CONN 50' #14-3 SOW, XP PLUG/CONN 3' #12-3 SOW, XP PLUG/CONN Replacement Ballast Replacement Lamp 55Watt Compact Fluorescent Replacement Reflector Replacement Lens-Gasket Assembly- Includes Fasteners
www.molex.com/link/widearea.html
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Order No. 987650-2772
Asia Pacific North Headquarters Yamato, Kanagawa, Japan 81-46-265-2325 apninfo@molex.com
Asia Pacific South Headquarters Jurong, Singapore 65-6268-6868 apsinfo@molex.com
USA/KC/2009.02
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. P: 630-969-4550 F: 630-969-1352
(c) 2009, Molex


▲Up To Search▲   

 
Price & Availability of 1301900058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X