Part Number Hot Search : 
C3115 C320A PM5356 305000 EL6274CU RN2425 3AB160 ES005S
Product Description
Full Text Search
 

To Download 12ST0037P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 PC CARD LAN MAGNETICS
Bothhandusa.com
Page : 1/1
P/N: 12ST0037P DATA SHEET
Feature ! ! ! ! !
Meets all IEEE802.3 and ANSI X3.263 standards including 350uH OCL with 8mA Bias. Compatible with Intel, TDK, QSI, and ICS. Low profile packages from .094"(2.39mm)to.078"(1.98mm) for PC Card and Card bus applications. Operating Temperature range: 0 to +70. Storage temperature range: -25 to +125.
Electrical Specifications @ 25C
OCL (uH Min) Part Number Turns Ratio (5%) @ 100KHz/0.1V with 8mA/DC Bias pin(16-15) 12ST0037P 1CT:1CT 350 pin(10-9) 200 25 CW/W (pF Max) (16-15) 1.6 DCR ( Max) (10-9) 0.7 (1-2) 1.0 1500 HI-POT (Vrms)
Continue
Part Number 12ST0037P Insertion Loss (dB Max) 0.3-100 MHz -1.15 Return Loss (dB Min) Cross talk (dB Min) DCMR (dB Min) TX/RX 60MHz 100MHz -35/-30 -28/-25
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 30MHz -16 -14 -13.5 -13 -12 -45 -35 -42/-40
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 12ST0037P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X