Part Number Hot Search : 
HT46R YS64D640 STU405D SPN8080 LMK212B AIC2823 23TL40 S82C42PE
Product Description
Full Text Search
 

To Download 110E1A48F204PB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 110E
Vishay Spectrol
Mechanical Encoder
FEATURES
* Cost Effective - Eliminates A/D Converters * High Resolution - Up to 36 Positions * Stability - Operating Range of - 40C to + 105C * Variability - Horizontal and Vertical Mounting The Model 110E is a 7/8" square mechanical encoder which provides a 2 - bit grey code for relative reference and a 4 - bit grey code for absolute reference applications. Manually operated it has a rotational life of 100,000 shaft revolutions, a positive dentent feel and can be combined with a second modular section in a concentric - shaft construction. Its small size makes it suitable for panel-mounted applications where the need for costly front - panel displays can be completely eliminated.
DIMENSIONS in inches
2 - BIT, 36 - POSITION INCREMENTAL OUTPUT
STEP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 2 - BIT 36 POS.
0.005 0.068 0.005 0.047 0.375 0.320 (2X) 0.156 0.245 0.625 0.050 (2X) 0.900 0.450 0.100 (2X) O.047 (7X) 0.300 0.600
PC TERMINALS TYPE B - 110 0.343
0.830 0.005 SQUARE + 0.002 0.250 - 0.001 3/8 - 32 UNEF - 2A
0.320
4 - BITS, 6 - POSITION INCREMENTAL OUTPUT
STEP 1 4 2 G 8 1 2 3 4 5 6 7 8 9 10 11 12 13 14
1
G
2
0.615 0.250 0.100 TYP 0.100 (2X)
TYPE "B" MTG WITH BRACKET
0.250
2 - BIT 16 POS.
PC TERMINALS TYPE C - 30
0.343
15 16
4 - BIT 16 POS.
SOLDER HOOK TERMINALS (ON 0.200 SPACING)
0.100
0.200 REF
2 - BIT 24 POS.
0.156
0.363
O.047
0.830 0.005 0.450 (2X) SQUARE 0.600 (2X) 0.020 X 0.025 THK 1 4 2 G 8
Output Codes At start position, step 1, is with shaft flat at 12 o' clock position when looking at shaft end with terminals down.
0.415
0.100 TYP 0.100 (2X)
TYPE "C" MTG WITH BRACKET
0.100 (2X)
SHAFT DIMENSIONS FLATTED SHAFT 3/4", 7/8", F.M.S.
0.218 0.047 O SUGGESTED 0.060
0.005/0.010 R 0.206 0.010 SUGGESTED
www.vishay.com 136
For technical questions, contact: sfer@vishay.com
Document Number: 57089 Revision: 05-Aug-04
110E
Mechanical Encoder
Vishay Spectrol
ELECTRICAL SPECIFICATIONS
Output 2 - bit grey code, channel L leads channel R by 90 degrees electrically in the CW direction 4 bi - grey code, absolute electrical position output 5 maximum 100K minimum Resistance load 250mA at 28VDC Switching Loads Bounce Dielectric Withstanding Voltage Electrical Travel Operating Speed 1.5mA at 115VDC 150mA at 14VDC 5ms/cycle at 15 RPM 1000VAC at sea level Continuous 50 RPM maximum
Closed Circuit Resistance Open Circuit Resistance Contact Rating
MECHANICAL SPECIFICATIONS
Rotational Torque Mechanical Travel Panel Mounting Torque Shaft Load Force Shaft Pull Force Terminals 3.5 oz - in (2.16 - 3.60 Ncm) Continuous 7 lbs - in (1.13 Nm) maximum 10 lbs - in (1.13 Nm) maximum 10 lbs - in maximum Standard PC style, 3 terminals on 0.100" (2.54mm) grid - in - line perpendicular or parallel to shaft. Solder hook available on 0.200" grid Molding compound used for housing/bushing and shaft has a UL94V - 2 rating 100,000 detented cycles at rated load typical (1 cycle = 720 degrees)
ENVIRONMENTAL SPECIFICATIONS
Temperature Range - 40C to + 105C (Operating temperature) - 55C to + 120C (Storage temperature) Per MIL-STD 202, Method 106C Insulation resistance shall be 1 M maximum of a relative humidity 90% @ 25C Per MIL-STD 202, Method 213, Test Condition G consisting of 1 MIL-STD
Humidity
Shock
Molded Construction
PACKAGING
Box of 50 pieces
Rotational Life
ORDERING INFORMATION
110E MODEL 110E 1 A BUSHING 48 SINGLE SHAFT FMS CODED IN 64ths 48 = 0.750" 56 = 0.875" F 204P 2-4 - BIT GREY CODE OPTIONS P
1 = at 9'0 clock 0 = None
A = 3/8 (9.53mm) dia x 1/4 (6.35mm) long G = 3/8 (9.53mm) dia x 3/8 (9.53mm) long
S: Slotted F: Flatted
204P = 4 cycles/rev 16 detents/rev 206P = 6 cycles/rev 24 detents/rev 209P = 9 cycles/rev 36 detents/rev 416P = 16 electrical positions/rev 16 detents/rev
B: PC terminals straight (horizontal mount) C: PC terminals bent back (vertical mount) Type C - 30 P: Type B with mounting bracket D: Type C with mounting bracket S: Solder Hook Hardware not included
SAP PART NUMBERING GUIDELINES
1 1 0 E W BUSHING 1 G H SHAFT F P LEADS 2 0 4 P B 2 PACKAGING 5 SPECIAL
PEG See the end of this data book for conversion tables Document Number: 57089 Revision: 05-Aug-04
MODEL
CODE OPTIONS
For technical questions, contact: sfer@vishay.com
www.vishay.com 137
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 110E1A48F204PB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X