Part Number Hot Search : 
A1105 MUR160 PRODUC DTC144E PA153 SP1490EC SMK0760F MB592
Product Description
Full Text Search
 

To Download WTM1797 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTM1797
PNP EPITAXIAL PLANAR TRANSISTOR
P b Lead(Pb)-Free
FEATURES
1. BASE 2. COLLECTOR 3. EMITTER
1
2
* Low saturation voltage * Excellent DC current gain characteristics * Complements to 2SC4672
3
SOT-89
MAXIMUM RATINGS (TA=25 unless otherwise noted)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PC TJ Tstg Value -50 -50 -6 -2 500 150 -55-150 Units V V V A mW
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT Cob Test IC=-50? A, IE=0 IC=-1mA, IB=0 IE=-50? A, IC=0 VCB=-50V, IE=0 VEB=-5V, IC=0 VCE=-2V, IC=-500mA IC=-1A, IB=-50mA VCE=-2V, IC=-0.5A, f=100MHz VCB=-10V, IE=0, f=1MHz conditions MIN -50 -50 -6 TYP MAX UNIT V V V ?A ?A
200 36
-0.1 -0.1 270 -0.35
82
-
V MHz pF
-
CLASSIFICATION OF Rank Range Marking
hFE P 82-180 AGP Q 120-270 AGQ
WEITRON
http://www.weitron.com.tw
1/3
14-Oct-08
WTM1797
Typical Characteristics
WEITRON
http://www.weitron.com.tw
2/3
14-Oct-08
WTM1797
SOT-89 Outline Dimensions
unit:mm
SOT-89
E G
Dim
A
J
C
H
K L
B
D
A B C D E G H J K L
Min Max 1.600 1.400 0.320 0.520 0.360 0.560 0.350 0.440 4.400 4.600 1.400 1.800 2.300 2.600 3.940 4.250 1.500TYP 3.100 2.900
WEITRON
http://www.weitron.com.tw
3/3
14-Oct-08


▲Up To Search▲   

 
Price & Availability of WTM1797

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X